Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR1550 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STR1550
Description  High voltage fast-switching NPN power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR1550 Datasheet(HTML) 4 Page - STMicroelectronics

  STR1550 Datasheet HTML 1Page - STMicroelectronics STR1550 Datasheet HTML 2Page - STMicroelectronics STR1550 Datasheet HTML 3Page - STMicroelectronics STR1550 Datasheet HTML 4Page - STMicroelectronics STR1550 Datasheet HTML 5Page - STMicroelectronics STR1550 Datasheet HTML 6Page - STMicroelectronics STR1550 Datasheet HTML 7Page - STMicroelectronics STR1550 Datasheet HTML 8Page - STMicroelectronics STR1550 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical characteristics
STR1550
4/9
DocID022364 Rev 5
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified.
2.1
Electrical characteristics (curves)
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = 500 V
10
µA
V(BR)CBO
Collector-base
breakdown voltage
(IE = 0)
IC = 100 µA
500
V
V(BR)CEO
(1)
1.
Pulse test: pulse duration
≤ 300 µs, duty cycle ≤ 2%
Collector-emitter
breakdown voltage
(IB = 0)
IC = 1 mA
500
V
V(BR)EBO
Emitter-base breakdown
voltage (IC = 0)
IE = 100 µA
12
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 20 mA, IB = 2 mA
0.2
V
IC = 50 mA, IB = 6 mA
0.3
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 50 mA, IB = 5 mA
0.9
V
VBE(on)
Base-emitter on voltage
IC = 50 mA, VCE = 10 V
0.9
V
hFE
(1)
DC current gain
IC = 1 mA, VCE = 10 V
100
IC = 50 mA, VCE = 10 V
100
300
IC = 100 mA, VCE = 10 V
10
Figure 2. hFE vs. IC @ VCE= 5 V
Figure 3. hFE vs. IC @ VCE= 10 V
hFE
100
10
1
0.001
0.1
IC(A)
0.01
-55°C
25°C
100°C
AM17433v1
hFE
100
10
1
0.001
0.1
IC(A)
0.01
-55°C
25°C
100°C
AM17434v1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com