Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR1550 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STR1550
Description  High voltage fast-switching NPN power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR1550 Datasheet(HTML) 5 Page - STMicroelectronics

  STR1550 Datasheet HTML 1Page - STMicroelectronics STR1550 Datasheet HTML 2Page - STMicroelectronics STR1550 Datasheet HTML 3Page - STMicroelectronics STR1550 Datasheet HTML 4Page - STMicroelectronics STR1550 Datasheet HTML 5Page - STMicroelectronics STR1550 Datasheet HTML 6Page - STMicroelectronics STR1550 Datasheet HTML 7Page - STMicroelectronics STR1550 Datasheet HTML 8Page - STMicroelectronics STR1550 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DocID022364 Rev 5
5/9
STR1550
Electrical characteristics
Figure 4. VCE(sat) vs. IC @ hFE= 5
Figure 5. VCE(sat) vs. IC @ hFE= 10
Figure 6. VBE(sat) vs. IC @ hFE= 5
Figure 7. VBE(sat) vs. IC @ hFE= 10
Figure 8. VBE(on) vs. IC @ VCE= 10 V
VCE(sat)
0
0.1
0.001
0.1
IC(A)
0.01
-55°C
25°C
100°C
0.2
0.3
0.4
0.5
0.6
0.7
0.8
(V)
AM17434v1
VCE(sat)
0.1
0.001
0.1
IC(A)
0.01
-55°C
25°C
100°C
(V)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
AM17436v1
VBE(sat)
0.3
0.001
0.1
IC(A)
0.01
-55°C
25°C
100°C
(V)
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.2
AM17437v1
VBE(sat)
0.3
0.001
0.1
IC(A)
0.01
-55°C
25°C
100°C
(V)
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.2
AM17437v1
VBE(on)
0.001
0.1
IC(A)
0.01
-55°C
25°C
100°C
(V)
0.4
0.6
0.8
1.0
0.2
AM17439v1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com