Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS441RG Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # BTS441RG
Description  Smart Highside Power Switch One Channel: 20m??Status Feedback
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS441RG Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button BTS441RG Datasheet HTML 4Page - Infineon Technologies AG BTS441RG Datasheet HTML 5Page - Infineon Technologies AG BTS441RG Datasheet HTML 6Page - Infineon Technologies AG BTS441RG Datasheet HTML 7Page - Infineon Technologies AG BTS441RG Datasheet HTML 8Page - Infineon Technologies AG BTS441RG Datasheet HTML 9Page - Infineon Technologies AG BTS441RG Datasheet HTML 10Page - Infineon Technologies AG BTS441RG Datasheet HTML 11Page - Infineon Technologies AG BTS441RG Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
BTS 441 R
Infineon Technologies AG
12
2003-Oct-01
Package and Ordering Code
All dimensions in mm
SMD: P-TO263-5-2
(tape&reel)
Sales code
BTS441R G
Ordering code:
Q67060-S6118
Straight: P-TO220-5-12
Sales code
BTS441R S
Ordering code:
Q67060-S6119
Published by
Infineon Technologies AG,
St.-Martin-Strasse 53,
D-81669 München
© Infineon Technologies AG 2001
All Rights Reserved.
Attention please!
The information herein is given to describe certain
components and shall not be considered as a guarantee of
characteristics.
Terms of delivery and rights to technical change reserved.
We hereby disclaim any and all warranties, including but not
limited to warranties of non-infringement, regarding circuits,
descriptions and charts stated herein.
Infineon Technologies is an approved CECC manufacturer.
Information
For further information on technology, delivery terms and
conditions and prices please contact your nearest Infineon
Technologies Office in Germany or our Infineon
Technologies Representatives worldwide (see address list).
Warnings
Due to technical requirements components may contain
dangerous substances. For information on the types in
question please contact your nearest Infineon Technologies
Office.
Infineon Technologies Components may only be used in life-
support devices or systems with the express written approval
of Infineon Technologies, if a failure of such components can
reasonably be expected to cause the failure of that life-
support device or system, or to affect the safety or
effectiveness of that device or system. Life support devices
or systems are intended to be implanted in the human body,
or to support and/or maintain and sustain and/or protect
human life. If they fail, it is reasonable to assume that the
health of the user or other persons may be endangered.
A
8˚ max.
B
A
0.25 M
0.1
Typical
9.8 ±0.15
±0.2
10
8.5 1)
0...0.15
5x0.8 ±0.1
±0.1
1.27
4.4
B
0.5 ±0.1
0.05
1)
0.1
All metal surfaces tin plated, except area of cut.
2.4
4x1.7
A
B
A
0.25 M
Typical
9.8 ±0.15
0...0.15
1.7
0.8 ±0.1
±0.1
1.27
4.4
B
0.05
1)
All metal surfaces tin plated, except area of cut.
C
8.5
1)
10 ±0.2
3.7-0.15
C
2.4
0.5 ±0.1
6x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com