Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS441RG Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BTS441RG
Description  Smart Highside Power Switch One Channel: 20m??Status Feedback
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS441RG Datasheet(HTML) 1 Page - Infineon Technologies AG

  BTS441RG Datasheet HTML 1Page - Infineon Technologies AG BTS441RG Datasheet HTML 2Page - Infineon Technologies AG BTS441RG Datasheet HTML 3Page - Infineon Technologies AG BTS441RG Datasheet HTML 4Page - Infineon Technologies AG BTS441RG Datasheet HTML 5Page - Infineon Technologies AG BTS441RG Datasheet HTML 6Page - Infineon Technologies AG BTS441RG Datasheet HTML 7Page - Infineon Technologies AG BTS441RG Datasheet HTML 8Page - Infineon Technologies AG BTS441RG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
BTS 441 R
Infineon Technologies AG
1
2003-Oct-01
Smart Highside Power Switch
One Channel: 20m
Ω
Status Feedback
Product Summary
Package
General Description
•
N channel vertical power FET with charge pump, ground referenced CMOS compatible input, monolithically
integrated in Smart SIPMOS® technology.
•
Providing embedded protective functions.
Application
•
µC compatible power switch for 5V, 12 V and 24 V DC applications
•
All types of resistive, inductive and capacitve loads
•
Most suitable for loads with high inrush currents, so as lamps
•
Replaces electromechanical relays, fuses and discrete circuits
Basic Funktions
•
Very low standby current
•
Optimized static electromagnetic compatibility (EMC)
•
µC and CMOS compatible
•
Fast demagnetization of inductive loads
•
Stable behaviour at undervoltage
Protection Functions
•
Short circuit protection
•
Current limitation
•
Overload protection
•
Thermal shutdown
•
Overvoltage protection (including load dump) with external
GND-resistor
•
Reverse battery protection with external GND-resistor
•
Loss of ground and loss of Vbb protection
•
Electrostatic discharge (ESD) protection
Diagnostic Function
•
Diagnostic feedback with open drain output
•
Open load detection in OFF-state
•
Feedback of thermal shutdown in ON-state
TO-263-5-2
TO-220-5-12
SMD
Straight
On-state Resistance
RON
20m
Ω
Operating Voltage
Vbb(on)
4.75 ... 41V
Nominal load current
IL(ISO)
21A
Current limitation
IL(lim)
65A
Vbb
Logic
with
protection
functions
IN
ST
GND
Load
PROFET
OUT


Similar Part No. - BTS441RG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS441RG INFINEON-BTS441RG Datasheet
1Mb / 16P
Smart Power High-Side-Switch
Rev. 1.21, 2012-12-06
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
Smart Highside Power Switch
2003-Oct-01
More results

Similar Description - BTS441RG

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
Smart Highside Power Switch
2003-Oct-01
BTS428L2 INFINEON-BTS428L2 Datasheet
240Kb / 13P
Smart High-Side Power Switch One Channel: 60m??Status Feedback
2003-Oct-01
BTS436L2 INFINEON-BTS436L2 Datasheet
261Kb / 12P
Smart High-Side Power Switch One Channel: 38m??Status Feedback
2003-Oct-01
BTS441T INFINEON-BTS441T Datasheet
216Kb / 11P
Smart Highside Power Switch One Channel: 20m?
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
Smart Highside Power Switch
2003-Oct-01
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
Smart Two Channel Highside Power Switch
2003-Oct-01
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
Smart Highside Power Switch
BTS428L2 SIEMENS-BTS428L2 Datasheet
88Kb / 12P
Smart High-Side Power Switch One Channel:60m-ohm Status Feedback
logo
Infineon Technologies A...
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com