Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751BTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6751BTR
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751BTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6751BTR Datasheet HTML 17Page - STMicroelectronics L6751BTR Datasheet HTML 18Page - STMicroelectronics L6751BTR Datasheet HTML 19Page - STMicroelectronics L6751BTR Datasheet HTML 20Page - STMicroelectronics L6751BTR Datasheet HTML 21Page - STMicroelectronics L6751BTR Datasheet HTML 22Page - STMicroelectronics L6751BTR Datasheet HTML 23Page - STMicroelectronics L6751BTR Datasheet HTML 24Page - STMicroelectronics L6751BTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
L6751B
Device configuration and pinstrapping tables
Doc ID 024028 Rev 1
21/58
4.2
Programming HiZ level
The L6751B is able to manage different levels for HiZ on PWMx guaranteeing flexibility in
driving different external drivers as well as DrMOS ICs.
After EN assertion and before soft-start, the device uses PWM1 and PWM2 to detect the
driver/DrMOS connected in order to program the suitable Hiz level of PWMx signals. During
regulation, the Hiz level is used to force the external MOSFETs in high-impedance state.
–
PWM1 sources a constant 10
μA current, if its voltage results higher than 2.8 V,
HiZ level used during the regulation is 1.4 V, if lower, PWM2 information is used.
–
PWM2 is kept in HiZ, if its voltage results higher than 2 V, HiZ level used during the
regulation is 2 V, if lower, 1.6 V.
An external resistor divider can be placed on PWM1 and PWM2 to force the detection of the
correct HiZ level. They must be designed considering the external driver/DrMOS selected
and the HiZ level requested.
1
Refer to Table 10 and choose any of the resistor combinations leading to the desired TMAX.
Other settings are ignored.
2
In DDR mode, single-phase reference is multi-phase Vout/2 (JMode disabled).
Table 6.
Device configuration
SVI
address
DROOP (see Table 8)
IMAX /
SIMAX
BOOT /
TMAX
DPM
VR12
0000b
Enabled.
Table 8
Table 10
Supported
VR12
(Note 2)
0010b
0100b
MPhase: as per Table 9.
SPhase: disabled
AMD
n/a
MPhase: enabled.
SPhase: as per Table 9.
Ignored
TMAX
(Note 1)
supported
Table 7.
Phase number programming
PHASE #
PWM1 to PWM3
PWM4
PWM5
PWM6
3
to driver
1 k
Ω to VCC5
4
to driver
1 k
Ω to VCC5
5
to driver
1 k
Ω to VCC5
6
to driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com