Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751BTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6751BTR
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751BTR Datasheet(HTML) 5 Page - STMicroelectronics

  L6751BTR Datasheet HTML 1Page - STMicroelectronics L6751BTR Datasheet HTML 2Page - STMicroelectronics L6751BTR Datasheet HTML 3Page - STMicroelectronics L6751BTR Datasheet HTML 4Page - STMicroelectronics L6751BTR Datasheet HTML 5Page - STMicroelectronics L6751BTR Datasheet HTML 6Page - STMicroelectronics L6751BTR Datasheet HTML 7Page - STMicroelectronics L6751BTR Datasheet HTML 8Page - STMicroelectronics L6751BTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
L6751B
List of figures
Doc ID 024028 Rev 1
5/58
List of figures
Figure 1.
Typical 6-phase application circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
L6751B pin connections (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.
JMode: voltage positioning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 5.
Device initialization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 6.
Voltage positioning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 7.
Current reading . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 8.
SLESS startup: enabled (left) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 9.
LSLESS startup: disabled (right) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 10.
DVID optimization circuit. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 11.
Thermal monitor connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 12.
Output current vs. switching frequency in PSK mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 13.
Efficiency performance with and without enhancements (DPM, GDC). . . . . . . . . . . . . . . . 44
Figure 14.
ROSC vs. FSW per phase (ROSC to GND - left; ROSC to 3.3 V - right) . . . . . . . . . . . . . . . . 45
Figure 15.
Equivalent control loop. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Figure 16.
Control loop bode diagram and fine tuning. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Figure 17.
Device initialization: PMBus controlling Vout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Figure 18.
L6751B VFQFPN68 8x8 mm drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com