Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6984A Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6984A
Description  36 V 400 mA synchronous step-down switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6984A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6984A Datasheet HTML 19Page - STMicroelectronics L6984A Datasheet HTML 20Page - STMicroelectronics L6984A Datasheet HTML 21Page - STMicroelectronics L6984A Datasheet HTML 22Page - STMicroelectronics L6984A Datasheet HTML 23Page - STMicroelectronics L6984A Datasheet HTML 24Page - STMicroelectronics L6984A Datasheet HTML 25Page - STMicroelectronics L6984A Datasheet HTML 26Page - STMicroelectronics L6984A Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
DocID025378 Rev 3
23/34
L6984
Design of the power components
34
4
Design of the power components
4.1
Input capacitor selection
The input capacitor voltage rating must be higher than the maximum input operating voltage
of the application. During the switching activity a pulsed current flows into the input capacitor
and so its RMS current capability must be selected accordingly with the application
conditions. Internal losses of the input filter depend on the ESR value, so usually low ESR
capacitors (like multilayer ceramic capacitors) have a higher RMS current capability. On the
other hand, given the RMS current value, lower ESR input filter has lower losses and so
contributes to higher conversion efficiency.
The maximum RMS input current flowing through the capacitor can be calculated as:
Equation 13
Where IO is the maximum DC output current, D is the duty cycles, is the efficiency. This
function has a maximum at D = 0.5 and, considering
= 1, it is equal to IO/2.
In a specific application the range of possible duty cycles has to be considered in order to
find out the maximum RMS input current. The maximum and minimum duty cycles can be
calculated as:
Equation 14
and
Equation 15
Where
V
HIGH_SIDE and VLOW_SIDE are the voltage drops across the embedded switches.
The peak-to-peak voltage across the input filter can be calculated as:
Equation 16
In case of negligible ESR (MLCC capacitor) the equation of CIN as a function of the target
VPP can be written as follows:
Equation 17
IRMS
IO
D
2D
2
---------------
–
D
2
2
-------
+
=
DMAX
VOUT VLOW_SIDE
+
VINMIN VLOW_SIDE VHIGH_SIDE
–
+
--------------------------------------------------------------------------------------------------
=
DMIN
VOUT VLOW_SIDE
+
VINMAX VLOW_SIDE VHIGH_SIDE
–
+
----------------------------------------------------------------------------------------------------
=
VPP
IO
CIN fSW
-----------------------
1
D
----
–

 D
D
----
1D
–

+
ESR IO
+
=
CIN
IO
VPP fSW
-------------------------
1
D
----
–

 D
D
----
1D
–

+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com