Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6984A Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6984A
Description  36 V 400 mA synchronous step-down switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6984A Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6984A Datasheet HTML 26Page - STMicroelectronics L6984A Datasheet HTML 27Page - STMicroelectronics L6984A Datasheet HTML 28Page - STMicroelectronics L6984A Datasheet HTML 29Page - STMicroelectronics L6984A Datasheet HTML 30Page - STMicroelectronics L6984A Datasheet HTML 31Page - STMicroelectronics L6984A Datasheet HTML 32Page - STMicroelectronics L6984A Datasheet HTML 33Page - STMicroelectronics L6984A Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
DocID025378 Rev 3
31/34
L6984
Package information
34
Figure 22. VFDFPN10 4 x 4 x 1.0 mm package outline
Table 10. VFDFPN10 4 x 4 x 1.0 mm package mechanical data
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A
0.80
0.85
0.90
A1
0.02
A2
0.65
A3
0.20
b
0.20
0.25
0.30
D
3.90
4.00
4.10
E
3.90
4.00
4.10
E2
2.15
2.25
2.35
e
0.45
0.50
0.55
H
0.46
L
0.30
0.40
0.50
L1
0.35
0.45
0.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com