Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6984ATR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6984ATR
Description  36 V 400 mA synchronous step-down switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6984ATR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6984ATR Datasheet HTML 11Page - STMicroelectronics L6984ATR Datasheet HTML 12Page - STMicroelectronics L6984ATR Datasheet HTML 13Page - STMicroelectronics L6984ATR Datasheet HTML 14Page - STMicroelectronics L6984ATR Datasheet HTML 15Page - STMicroelectronics L6984ATR Datasheet HTML 16Page - STMicroelectronics L6984ATR Datasheet HTML 17Page - STMicroelectronics L6984ATR Datasheet HTML 18Page - STMicroelectronics L6984ATR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
DocID025378 Rev 3
15/34
L6984
Device description
34
Figure 6 shows the estimated fSW variation over the load range assuming the typical
RDSON of the power elements, DCR = 420 m
 (see Section 5 on page 27 for details of the
selected inductor for the reference application board.) and RTON = 1 Meg.
Figure 6. fSW variation over the load range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com