Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6984ATR Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6984ATR
Description  36 V 400 mA synchronous step-down switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6984ATR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6984ATR Datasheet HTML 22Page - STMicroelectronics L6984ATR Datasheet HTML 23Page - STMicroelectronics L6984ATR Datasheet HTML 24Page - STMicroelectronics L6984ATR Datasheet HTML 25Page - STMicroelectronics L6984ATR Datasheet HTML 26Page - STMicroelectronics L6984ATR Datasheet HTML 27Page - STMicroelectronics L6984ATR Datasheet HTML 28Page - STMicroelectronics L6984ATR Datasheet HTML 29Page - STMicroelectronics L6984ATR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Design of the power components
L6984
26/34
DocID025378 Rev 3
In the table below some capacitor series are listed.
4.3.2
COUT specification and loop stability
Output capacitor value
A minimum output capacitor value is required for the COT loop stability:
Equation 24
Equivalent series resistor (ESR)
The maximum ESR of the output capacitor is:
Equation 25
Table 8. Output capacitors
Manufacturer
Series
Cap value (
F)
Rated voltage (V)
ESR (m
)
MURATA
GRM32
22 to 100
6.3 to 25
< 5
GRM31
10 to 47
6.3 to 25
< 5
PANASONIC
ECJ
10 to 22
6.3
< 5
EEFCD
10 to 68
6.3
15 to 55
SANYO
TPA/B/C
100 to 470
4 to 16
40 to 80
TDK
C3225
22 to 100
6.3
< 5
COUT
35
VOUT fSW
-----------------------------
ESRMAX 2.8 10
3
–
VOUT




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com