Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED1642GWPTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # LED1642GWPTR
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GWPTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LED1642GWPTR Datasheet HTML 14Page - STMicroelectronics LED1642GWPTR Datasheet HTML 15Page - STMicroelectronics LED1642GWPTR Datasheet HTML 16Page - STMicroelectronics LED1642GWPTR Datasheet HTML 17Page - STMicroelectronics LED1642GWPTR Datasheet HTML 18Page - STMicroelectronics LED1642GWPTR Datasheet HTML 19Page - STMicroelectronics LED1642GWPTR Datasheet HTML 20Page - STMicroelectronics LED1642GWPTR Datasheet HTML 21Page - STMicroelectronics LED1642GWPTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Configuration register
LED1642GW
18/42
DocID024395 Rev 6
8
Configuration register
The configuration register is used to enable or disable some device features, to program
some parameters and to change other settings. The access to this register (read or write) is
managed to find a description for each bit as described in Table 8. The default value of the
configuration register (when the device is switched on or after a reset) is "0" for all bits. To
change anything in the configuration register, a 16-bit digital word must be sent (CFG - 0
represents LSB, CFG -15 the MSB).
Table 8. Configuration register
Bit
Definition
R/W
Description
Default
CFG-0
Current gain
adjustment
R/W
6-bit DAC allows adjusting the device output current in 64
steps for each range (defined by CFG-6)
0
CFG-1
0
CFG-2
0
CFG-3
0
CFG-4
0
CFG-5
0
CFG-6
Current range
R/W
”0” low current range
“1” high current range
0
CFG-7
Error detection
mode
R/W
“0” normal mode
“1” reserved mode
0
CFG-8
Shorted-LED
detection
thresholds
R/W
Programmable output
shorted-LED detection
thresholds
CFG-9
CFG-8
Th. volt.
0
00
1.8 V
01
2.5 V
CFG-9
R/W
10
3 V
0
11
3.5 V
CFG-10
Auto OFF
shutdown
R/W
“0” device always ON
”1” auto power shutdown active (auto OFF)
0
CFG-11
Output turn-
on/off time
R/W
Programmable
output rise and fall
time (20% to 80%)
CFG-12 CFG-11 Turn-on
Turn-off
0
0
0
30 ns
20 ns
0
1
100 ns
40 ns
CFG-12
R/W
1
0
140 ns
80 ns
0
1
1
180 ns
150 ns
CFG-13
SDO delay
R/W
If “0” no delay is present on SDO
If “1” the data are shifted out and they are synchronized with
the falling edge of the CLK signal
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com