Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED1642GWPTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # LED1642GWPTR
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GWPTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LED1642GWPTR Datasheet HTML 17Page - STMicroelectronics LED1642GWPTR Datasheet HTML 18Page - STMicroelectronics LED1642GWPTR Datasheet HTML 19Page - STMicroelectronics LED1642GWPTR Datasheet HTML 20Page - STMicroelectronics LED1642GWPTR Datasheet HTML 21Page - STMicroelectronics LED1642GWPTR Datasheet HTML 22Page - STMicroelectronics LED1642GWPTR Datasheet HTML 23Page - STMicroelectronics LED1642GWPTR Datasheet HTML 24Page - STMicroelectronics LED1642GWPTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
DocID024395 Rev 6
21/42
LED1642GW
Configuration register
42
Figure 10. Channel current vs. gain register value
8.2
Error detection mode (CFG-7)
Stopping the normal activity of the display and turning on all driver channels allows the error
detection to be performed and failed LED or display defects to be checked.
The error detection is active when the CFG -7 bit of the configuration register is "0". The
diagnostics is performed as shown in Figure 11:
The LED has to be selected turning on the relative channel on the switch register
(powering on or off the output channels); the brightness register value for this channel
cannot be zero.
The normal error detection has to be selected in the configuration register (CFG-7=
"0"). The appropriate digital key to choose the type of detection (open, short or
combined) must be sent (see Table 7).
After the error detection starts, the channel under testing has to be turned on at least 1
μs (the LED is at the nominal current). Please note that, the output power-on depends
on PWCLK signal and in several applications this signal is not synchronized with the
serial interface clock (CLK pin). Therefore, to be sure that, between the detection start
and the detection end, the output power-on is 1
μs and moreover, that last power-on, in
the interval, starts at least 0.5
μs before the detection end pattern (see Figure 12), it is
suggested that the error detection should be performed just after the device startup
(brightness counter reset) with all channels ON, before applying PWCLK signal.
The result of the detection ("0" indicates a fault condition) is shifted out SDO, in 16
clock pulses after the "detection end command" is provided, first output bit represents
channel 15 (error data can be read in a way similar to configuration register data
reading as shown on Figure 13, 14, 15 and 16).
Please note that (with SDO delay off) output 15 detection result will be available just after
1st clock pulse rising edge, so it can be sampled on the rising edge of second clock pulse. In
the same way output 0 detection result will be available just after 16th clock pulse rising
edge, so it can be sampled on the rising edge of 17th CLK pulse.
AM13695V1
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
11 K R=0
11 K R=1
18 K R=0
IOUT
OUT
vs. gain
(R = range selection, REXT = 11 K or 18 K)
Gain register decimal value
18 K R=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com