Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303AGRTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # LSM303AGRTR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGRTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LSM303AGRTR Datasheet HTML 17Page - STMicroelectronics LSM303AGRTR Datasheet HTML 18Page - STMicroelectronics LSM303AGRTR Datasheet HTML 19Page - STMicroelectronics LSM303AGRTR Datasheet HTML 20Page - STMicroelectronics LSM303AGRTR Datasheet HTML 21Page - STMicroelectronics LSM303AGRTR Datasheet HTML 22Page - STMicroelectronics LSM303AGRTR Datasheet HTML 23Page - STMicroelectronics LSM303AGRTR Datasheet HTML 24Page - STMicroelectronics LSM303AGRTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
DocID027765 Rev 5
21/68
LSM303AGR
Functionality
68
4
Functionality
4.1
Magnetometer
4.1.1
Magnetometer power modes
The LSM303AGR magnetometer provides two different power modes: high-resolution and
low-power modes.
The tables below summarize the selection of the low-pass filter and current consumption of
the operating modes.
When the low-pass filter is enabled, the bandwidth is reduced while noise performance is
improved without any increase in power consumption.
The following table summarizes the turn-on time of the magnetometer in the two different
power modes with the offset cancellation function enabled or disabled (see Section 4.1.2:
Magnetometer offset cancellation).
Table 10. Digital low-pass filter
CFG_REG_B_M
[LPF]
(CFG_REG_A_M [LP = 0])
high-resolution mode
(CFG_REG_A_M [LP = 1])
low-power mode
BW [Hz]
Noise RMS [mg]
BW [Hz]
Noise RMS [mg]
0 (disable)
ODR/2
4
ODR/2
8.5
1 (enable)
ODR/4
3
ODR/4
6
Table 11. Current consumption of operating modes
ODR
(Hz)
Current consumption (μA)
(CFG_REG_A_M [LP] = 0) - high-resolution
Current consumption (μA)
(CFG_REG_A_M [LP] = 1) - low-power
10
100
25
20
200
50
50
500
125
100
1000
250
Table 12. Operating mode and turn-on time
Operating mode
Turn-on time
CFG_REG_A_M[LP]
CFG_REG_A_M[OFF_CANC = 0]
CFG_REG_A_M[OFF_CANC = 1]
0 (high-resolution)
9.4 ms
9.4 ms + 1/ODR
1 (low-power)
6.4 ms
6.4 ms + 1/ODR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com