Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303AGRTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # LSM303AGRTR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGRTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LSM303AGRTR Datasheet HTML 28Page - STMicroelectronics LSM303AGRTR Datasheet HTML 29Page - STMicroelectronics LSM303AGRTR Datasheet HTML 30Page - STMicroelectronics LSM303AGRTR Datasheet HTML 31Page - STMicroelectronics LSM303AGRTR Datasheet HTML 32Page - STMicroelectronics LSM303AGRTR Datasheet HTML 33Page - STMicroelectronics LSM303AGRTR Datasheet HTML 34Page - STMicroelectronics LSM303AGRTR Datasheet HTML 35Page - STMicroelectronics LSM303AGRTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
Functionality
LSM303AGR
32/68
DocID027765 Rev 5
When an interrupt event is configured on the INT_1_XL pin, the FIFO operates in Stream
mode if the INT_1_XL pin value is equal to ‘0’ and it operates in FIFO mode if the INT_1_XL
pin value is equal to ‘1’. Switching modes is dynamically performed according to the
INT_1_XL pin value.
Stream-to-FIFO can be used in order to analyze the sampling history that generates an
interrupt. The standard operation is to read the contents of FIFO when the FIFO mode is
triggered and the FIFO buffer is full and stopped.
4.4.5
Retrieving data from FIFO
FIFO data is read from the OUT_X_L_A (28h), OUT_X_H_A (29h), OUT_Y_L_A (2Ah),
OUT_Y_H_A (2Bh), and OUT_Z_L_A (2Ch), OUT_Z_H_A (2Dh) registers. A read operation
using a serial interface of the OUT_X_L_A (28h), OUT_X_H_A (29h), OUT_Y_L_A (2Ah),
OUT_Y_H_A (2Bh) or OUT_Z_L_A (2Ch), OUT_Z_H_A (2Dh) output registers provides the
data stored in the FIFO. Each time data is read from the FIFO, the oldest X, Y and Z data
are placed in the OUT_X_L_A (28h), OUT_X_H_A (29h), OUT_Y_L_A (2Ah), OUT_Y_H_A
(2Bh) and OUT_Z_L_A (2Ch), OUT_Z_H_A (2Dh) registers and both single read and
read_burst operations can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com