Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C02-DRMN3TP Datasheet(PDF) 12 Page - STMicroelectronics

Part # M24C02-DRMN3TP
Description  Automotive 2-Kbit serial I²C bus EEPROM with 1 MHz clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-DRMN3TP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M24C02-DRMN3TP Datasheet HTML 8Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 9Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 10Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 11Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 12Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 13Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 14Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 15Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Device operation
M24C02-A125
12/39
DocID025755 Rev 4
3.5
Device addressing
To start communication between the bus master and the slave device, the bus master must
initiate a Start condition. Following this, the bus master sends the device select code, as
shown in Table 2.
The device select code consists of a 4-bit device type identifier and a 3-bit Chip Enable
address (E2, E1, E0). A device select code handling any value other than 1010b (to select
the memory) or 1011b (to select the Identification page) is not acknowledged by the memory
device.
Up to eight memory devices can be connected on a single I2C bus. Each one is given a
unique 3-bit code on the Chip Enable (E2, E1, E0) inputs. When the device select code is
received, the memory device only responds if the Chip Enable Address is the same as the
value decoded on the E2, E1, E0 inputs.
The 8th bit is the Read/Write bit (RW). This bit is set to 1 for Read and 0 for Write
operations.
If the memory device does not match the device select code, it deselects itself from the bus,
and enters the Standby mode.
If the memory device matches the device select code, the corresponding memory device
gives an acknowledgment on Serial Data (SDA) during the 9th SCL clock period. Once the
memory device has acknowledged the device select code, the memory device waits for the
master to send the address byte. The memory device responds to the address byte with an
acknowledge bit.
Table 2. Device select code
Device type identifier (1)
1. The most significant bit, b7, is sent first.
Chip Enable address
RW
b7
b6
b5
b4
b3
b2
b1
b0
When accessing the
memory
1010
E2
E1
E0
RW
When accessing the
identification page
1011
E2
E1
E0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com