Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C02-DRMN3TP Datasheet(PDF) 17 Page - STMicroelectronics

Part # M24C02-DRMN3TP
Description  Automotive 2-Kbit serial I²C bus EEPROM with 1 MHz clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-DRMN3TP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M24C02-DRMN3TP Datasheet HTML 13Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 14Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 15Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 16Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 17Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 18Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 19Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 20Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
DocID025755 Rev 4
17/39
M24C02-A125
Instructions
38
4.1.2
Page Write
The Page Write mode allows up to N(a) bytes to be written in a single Write cycle, provided
that they are all located in the same page in the memory: that is, the most significant
memory address bits, A7/A4, are the same. If more bytes are sent than will fit up to the end
of the page, a condition known as “roll-over” occurs. In case of roll-over, the first bytes of the
page are overwritten.
Note:
The bus master sends from 1 to N(1) bytes of data, each of which is acknowledged by the
device if Write Control (WC) is low. If Write Control (WC) is high, the contents of the
addressed memory location are not modified, and each data byte received by the device is
not acknowledged, as shown in Figure 6. After each byte is transferred, the internal byte
address counter is incremented. The transfer is terminated by the bus master generating a
Stop condition.
Figure 6. Write mode sequences with WC = 1 (data write inhibited)
a. N is the number of bytes in a page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com