Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLE Datasheet(PDF) 2 Page - XP Power Limited

Part # DLE
Description  Constant Voltage AND Current Versions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DLE Datasheet(HTML) 2 Page - XP Power Limited

  DLE Datasheet HTML 1Page - XP Power Limited DLE Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
10
20
30
40
50
60
70
20
40
60
80
100
0
-20
-10
Temp (˚C)
100
264
90
20
40
60
80
100
0
Input Voltage (VAC)
19-Sept-13
DLE15
Models and Ratings
Notes
1. Typical efficiency at full load and 230 VAC input.
2. Measured using 12” twisted pair with 0.1 µF and 47 µF capacitors in parallel at 20 MHz bandwidth.
UL1015 18AWG
5.90 (150.0)
5.90 (150.0)
1.38
(35.0)
0.98
(25.0)
4.33 (110.0)
0.12 (3.0)
2-R1 0.07 (1.8)
AC N(Blue)
AC L(Brown)
V+ (Red)
V- (Black)
UL1015 20AWG
Mechanical Details
Derating Curves
Constant Current Curve
Application Notes
100
10
20
30
40
50
60
70
80
90
Vo max
Vo min
0
Output Current (%)
Trip & Restart Zone
Output Power
Output Voltage
Output Current
Efficiency(1)
Model Number
15 W
12 V
1250 mA
81.0%
DLE15PS12-V
15 W
24 V
630 mA
83.0%
DLE15PS24-V
15 W
8 - 12 V
1250 mA
81.0%
DLE15PS1250-A
15 W
14 - 22 V
700 mA
83.0%
DLE15PS700-A
15 W
24 - 30 V
500 mA
83.0%
DLE15PS500-A
14.7 W
26 - 42 V
350 mA
84.0%
DLE15PS350-A
Notes
1. Tolerance:
0.x = ±0.008 (±0.2)
0.xx = ±0.002 (±0.05)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com