Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLE Datasheet(PDF) 1 Page - XP Power Limited

Part # DLE
Description  Constant Voltage AND Current Versions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DLE Datasheet(HTML) 1 Page - XP Power Limited

  DLE Datasheet HTML 1Page - XP Power Limited DLE Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
15 Watts
•
AC Input LED Driver
•
Constant Voltage & Current Versions
•
High Power Factor
•
High Efficiency
•
Water Proof to IP67
•
Class 2
•
3 Year Warranty
DLE Series
Input
Input Voltage
• 90-264 VAC, see derating curve
Input Frequency
• 47-63 Hz
Input Current
• 0.25 A at 115 VAC, 0.1 A at 230 VAC
Inrush Current
• 15 A at 230 VAC, cold start +25 °C
Power Factor
• >0.83 at 230 VAC, full load
No Load Input Power
• <0.5 W max at 230 VAC
Input Protection
• Internal T1.0A/250V fuse fitted in line
Output
Output Voltage
• See table
Minimum Load
• No min load required
Start Up Delay
• 500 ms max at 115 VAC
Hold Up Time
• No hold up for -A versions,
6ms min for -V versions
Line Regulation
• ±0.5%
Load Regulation
• ±1.0% in constant voltage mode,
±5.0% in constant current mode
Turn On Overshoot
• 5% max
Transient Response
• 5% max deviation, recovery to within 1%
in 10 ms for a 50% load change
Ripple & Noise
• 1% max mV pk-pk, for - V versions
(see note 2)
Overload Protection
• 130-160% for -V versions, auto recovery
Short Circuit Protection
• Trip and restart (hiccup mode)
Temperature
• 0.04%/°C
Coefficient
xppower.com
General
Efficiency
• See table
Isolation
• 3750 VAC Input to Output
Switching Frequency
• 100 kHz typical
MTBF
• >200 kHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -20 °C to +70 °C (see derating curve)
Operating Humidity
• 5-100% RH, non-condensing
Storage Temperature
• -40 °C to +80 °C
Operating Altitude
• 3000 m
Vibration
• 10-500 Hz, 2 g, 10 mins/cycle, 6 cycles in
each of 3 axes
EMC & Safety
Emissions
• EN55015, class B conducted and radiated
Harmonic Currents
• EN61000-3-2, class C
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, 8 kV air and 4 kV contact,
Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 2 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2 Perf Criteria A
Surge
• EN61000-4-5, installation class 3,
Perf Criteria B
Conducted Immunity
• EN61000-4-6, level 2 Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 100% 10 ms,
30% 200 ms, Perf Criteria B, B
Safety Approvals
• EN61347, UL8750, CE Mark


Similar Part No. - DLE

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
DLE-0000010 EVERLIGHT-DLE-0000010 Datasheet
102Kb / 6P
3.0mm Very Wide Angle Type LED Lamps
DLE-0000014 EVERLIGHT-DLE-0000014 Datasheet
102Kb / 6P
3.0mm Very Wide Angle Type LED Lamps
DLE-0000312 EVERLIGHT-DLE-0000312 Datasheet
255Kb / 12P
Popular T-1 3/4 round package
DLE-0000336 EVERLIGHT-DLE-0000336 Datasheet
368Kb / 12P
Popular T-1 3/4 round package
DLE-0000345 EVERLIGHT-DLE-0000345 Datasheet
253Kb / 11P
Popular T-1 3/4 round package
More results

Similar Description - DLE

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_07 Datasheet
216Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
Constant Voltage and Constant Current Controller
logo
Hi-Sincerity Mocroelect...
H134 HSMC-H134 Datasheet
268Kb / 8P
Constant Voltage and Constant Current Control
logo
BCD Semiconductor Manuf...
AP4306 BCDSEMI-AP4306 Datasheet
705Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 4
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4306 DIODES-AP4306 Datasheet
369Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com