Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-125 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M95M01-125
Description  Automotive 1-Mbit serial SPI bus EEPROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-125 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M95M01-125 Datasheet HTML 15Page - STMicroelectronics M95M01-125 Datasheet HTML 16Page - STMicroelectronics M95M01-125 Datasheet HTML 17Page - STMicroelectronics M95M01-125 Datasheet HTML 18Page - STMicroelectronics M95M01-125 Datasheet HTML 19Page - STMicroelectronics M95M01-125 Datasheet HTML 20Page - STMicroelectronics M95M01-125 Datasheet HTML 21Page - STMicroelectronics M95M01-125 Datasheet HTML 22Page - STMicroelectronics M95M01-125 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
M95M01-125
Instructions
Doc ID 023153 Rev 1
19/37
6.3
Read Status Register (RDSR)
The Read Status Register (RDSR) instruction is used to read the Status Register. The
Status Register may be read at any time, even while a Write or Write Status Register cycle
is in progress. When one of these cycles is in progress, it is recommended to check the
Write In Progress (WIP) bit before sending a new instruction to the device. It is also possible
to read the Status Register continuously, as shown in Figure 9.
Figure 9.
Read Status Register (RDSR) sequence
The status and control bits of the Status Register are as follows:
6.3.1
WIP bit
The Write In Progress (WIP) bit indicates whether the memory is busy with a Write or Write
Status Register cycle. When set to 1, such a cycle is in progress, when reset to 0, no such
cycle is in progress.
6.3.2
WEL bit
The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch.
When set to 1, the internal Write Enable Latch is set. When set to 0, the internal Write
Enable Latch is reset, and no Write or Write Status Register instruction is accepted.
The WEL bit is returned to its reset state by the following events:
●
Power-up
●
Write Disable (WRDI) instruction completion
●
Write Status Register (WRSR) instruction completion
●
Write (WRITE) instruction completion
6.3.3
BP1, BP0 bits
The Block Protect (BP1, BP0) bits are non volatile. They define the size of the area to be
software-protected against Write instructions. These bits are written with the Write Status
Register (WRSR) instruction. When one or both of the Block Protect (BP1, BP0) bits is set
to 1, the relevant memory area (as defined in Table 2) becomes protected against Write
(WRITE) instructions. The Block Protect (BP1, BP0) bits can be written provided that the
Hardware Protected mode has not been set.
C
D
S
2
1
3456789 10 11 12 13 14 15
Instruction
0
AI02031E
Q
7
6543210
Status Register Out
High Impedance
MSB
7
6543210
Status Register Out
MSB
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com