Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128-DRMN9TP Datasheet(PDF) 7 Page - STMicroelectronics

Part # M24128-DRMN9TP
Description  Automotive 128-Kbit serial IC bus EEPROM with 1 MHz clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128-DRMN9TP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M24128-DRMN9TP Datasheet HTML 3Page - STMicroelectronics M24128-DRMN9TP Datasheet HTML 4Page - STMicroelectronics M24128-DRMN9TP Datasheet HTML 5Page - STMicroelectronics M24128-DRMN9TP Datasheet HTML 6Page - STMicroelectronics M24128-DRMN9TP Datasheet HTML 7Page - STMicroelectronics M24128-DRMN9TP Datasheet HTML 8Page - STMicroelectronics M24128-DRMN9TP Datasheet HTML 9Page - STMicroelectronics M24128-DRMN9TP Datasheet HTML 10Page - STMicroelectronics M24128-DRMN9TP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
DocID023817 Rev 4
7/40
M24128-A125
Description
39
Figure 2. 8-pin package connections
1. See Section 9: Package mechanical data for package dimensions, and how to identify pin 1.
Table 1. Signal names
Signal name
Function
Direction
E2, E1, E0
Chip Enable
Input
SDA
Serial Data
I/O
SCL
Serial Clock
Input
WC
Write Control
Input
VCC
Supply voltage
-
VSS
Ground
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com