Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128-DRMN9TP Datasheet(PDF) 26 Page - STMicroelectronics

Part # M24128-DRMN9TP
Description  Automotive 128-Kbit serial IC bus EEPROM with 1 MHz clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128-DRMN9TP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M24128-DRMN9TP Datasheet HTML 22Page - STMicroelectronics M24128-DRMN9TP Datasheet HTML 23Page - STMicroelectronics M24128-DRMN9TP Datasheet HTML 24Page - STMicroelectronics M24128-DRMN9TP Datasheet HTML 25Page - STMicroelectronics M24128-DRMN9TP Datasheet HTML 26Page - STMicroelectronics M24128-DRMN9TP Datasheet HTML 27Page - STMicroelectronics M24128-DRMN9TP Datasheet HTML 28Page - STMicroelectronics M24128-DRMN9TP Datasheet HTML 29Page - STMicroelectronics M24128-DRMN9TP Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
DC and AC parameters
M24128-A125
26/40
DocID023817 Rev 4
8
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device.
Table 6. Cycling performance by groups of four bytes
Symbol
Parameter
Test condition
Min.
Max.
Unit
Ncycle
Write cycle endurance(1)
TA
≤ 25 °C, 1.8 V < VCC < 5.5 V
-
4,000,000
Write
cycle(2)
TA = 85 °C,
1.8 V < VCC < 5.5 V
-
1,200,000
TA = 125 °C,
1.8 V < VCC < 5.5 V
-
600,000
1. The Write cycle endurance is defined for groups of four data bytes located at addresses [4*N, 4*N+1, 4*N+2, 4*N+3] where
N is an integer, or for the status register byte (refer also to Section 5.2: Cycling with Error Correction Code (ECC)). The
Write cycle endurance is defined by characterization and qualification.
2. A Write cycle is executed when either a Page Write, a Byte Write, a Write Identification Page or a Lock Identification Page
instruction is decoded. When using those Write instructions, refer also to Section 5.2: Cycling with Error Correction Code
(ECC).
Table 7. Operating conditions (voltage range R)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.8
5.5
V
TA
Ambient operating temperature
–40
125
°C
Table 8. AC measurement conditions
Symbol
Parameter
Min.
Max.
Unit
Cbus
Load capacitance
100
pF
-
SCL input rise/fall time, SDA input fall time
-
50
ns
-
Input levels
0.2 VCC to 0.8 VCC
V
-
Input and output timing reference levels
0.3 VCC to 0.7 VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com