Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-DWMN3TP Datasheet(PDF) 16 Page - STMicroelectronics

Part # M95M01-DWMN3TP
Description  Automotive 1 Mbit serial SPI bus EEPROMs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DWMN3TP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M95M01-DWMN3TP Datasheet HTML 12Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 13Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 14Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 15Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 16Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 17Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 18Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 19Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Instructions
M95M01-A125 M95M01-A145
16/40
DocID023214 Rev 6
4.1
Write Enable (WREN)
The WREN instruction must be decoded by the device before a write instruction (WRITE,
WRSR, WRID or LID).
As shown in Figure 5, to send this instruction to the device, Chip Select (S) is driven low, the
bits of the instruction byte are shifted in (MSB first) on Serial Data Input (D) after what the
Chip Select (S) input is driven high and the WEL bit is set (Status Register bit).
Figure 5. Write Enable (WREN) sequence
4.2
Write Disable (WRDI)
One way of resetting the WEL bit (in the Status Register) is to send a Write Disable
instruction to the device.
As shown in Figure 6, to send this instruction to the device, Chip Select (S) is driven low,
and the bits of the instruction byte are shifted in (MSB first), on Serial Data Input (D), after
what the Chip Select (S) input is driven high and the WEL bit is reset (Status Register bit).
If a Write cycle is currently in progress, the WRDI instruction is decoded and executed and
the WEL bit is reset to 0 with no effect on the ongoing Write cycle.
Figure 6. Write Disable (WRDI) sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com