Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-DWMN3TP Datasheet(PDF) 37 Page - STMicroelectronics

Part # M95M01-DWMN3TP
Description  Automotive 1 Mbit serial SPI bus EEPROMs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DWMN3TP Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M95M01-DWMN3TP Datasheet HTML 32Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 33Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 34Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 35Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 36Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 37Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 38Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 39Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
DocID023214 Rev 6
37/40
M95M01-A125 M95M01-A145
Package mechanical data
39
Figure 22. TSSOP8 – 8-lead thin shrink small outline, package outline
1. Drawing is not to scale.
Table 17. TSSOP8 – 8-lead thin shrink small outline, package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to four decimal digits.
Typ.
Min.
Max.
Typ.
Min.
Max.
A
-
-
1.200
-
-
0.0472
A1
-
0.050
0.150
-
0.0020
0.0059
A2
1.000
0.800
1.050
0.0394
0.0315
0.0413
b
-
0.190
0.300
-
0.0075
0.0118
c
-
0.090
0.200
-
0.0035
0.0079
CP
-
-
0.100
-
-
0.0039
D
3.000
2.900
3.100
0.1181
0.1142
0.1220
e
0.650
-
-
0.0256
-
-
E
6.400
6.200
6.600
0.2520
0.2441
0.2598
E1
4.400
4.300
4.500
0.1732
0.1693
0.1772
L
0.600
0.450
0.750
0.0236
0.0177
0.0295
L1
1.000
-
-
0.0394
-
-
α
-0°
8°-
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com