Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-DWDW4TP Datasheet(PDF) 33 Page - STMicroelectronics

Part # M95M01-DWDW4TP
Description  Automotive 1 Mbit serial SPI bus EEPROMs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DWDW4TP Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M95M01-DWDW4TP Datasheet HTML 29Page - STMicroelectronics M95M01-DWDW4TP Datasheet HTML 30Page - STMicroelectronics M95M01-DWDW4TP Datasheet HTML 31Page - STMicroelectronics M95M01-DWDW4TP Datasheet HTML 32Page - STMicroelectronics M95M01-DWDW4TP Datasheet HTML 33Page - STMicroelectronics M95M01-DWDW4TP Datasheet HTML 34Page - STMicroelectronics M95M01-DWDW4TP Datasheet HTML 35Page - STMicroelectronics M95M01-DWDW4TP Datasheet HTML 36Page - STMicroelectronics M95M01-DWDW4TP Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
DocID023214 Rev 6
33/40
M95M01-A125 M95M01-A145
DC and AC parameters
39
Table 15. AC characteristics
Symbol
Alt.
Parameter
Min. Max. Min. Max.
Unit
Test
conditions
specified in
Table 10
and
Table 11
Test
conditions
specified in
Table 12
fC
fSCK Clock frequency
10
16
MHz
tSLCH
tCSS1 S active setup time
30
20
ns
tSHCH
tCSS2 S not active setup time
30
20
tSHSL
tCS
S deselect time
40
25
tCHSH
tCSH S active hold time
30
20
tCHSL
S not active hold time
30
20
tCH(1)
1. tCH + tCL must never be lower than the shortest possible clock period, 1/fC(max).
tCLH Clock high time
40
25
tCL(1)
tCLL Clock low time
40
25
tCLCH(2)
2. Value guaranteed by characterization, not 100% tested in production.
tRC
Clock rise time
2
2
µs
tCHCL(2)
tFC
Clock fall time
2
2
tDVCH
tDSU Data in setup time
10
10
ns
tCHDX
tDH
Data in hold time
10
10
tHHCH
Clock low hold time after HOLD not active
30
25
tHLCH
Clock low hold time after HOLD active
30
20
tCLHL
Clock low set-up time before HOLD active
0
0
tCLHH
Clock low set-up time before HOLD not
active
00
tSHQZ(2)
tDIS
Output disable time
40
25
tCLQV(3)
3. tCLQV must be compatible with tCL (clock low time): if tSU is the Read setup time of the SPI bus master, tCL
must be equal to (or greater than) tCLQV+tSU.
tV
Clock low to output valid
40
25
tCLQX
tHO
Output hold time
0
0
tQLQH(2)
tRO
Output rise time
20
25
tQHQL(2)
tFO
Output fall time
20
25
tHHQV
tLZ
HOLD high to output valid
40
25
tHLQZ(2)
tHZ
HOLD low to output high-Z
40
25
tW
tWC
Write time
4
4
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com