Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-DWDW4TP Datasheet(PDF) 39 Page - STMicroelectronics

Part # M95M01-DWDW4TP
Description  Automotive 1 Mbit serial SPI bus EEPROMs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DWDW4TP Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M95M01-DWDW4TP Datasheet HTML 32Page - STMicroelectronics M95M01-DWDW4TP Datasheet HTML 33Page - STMicroelectronics M95M01-DWDW4TP Datasheet HTML 34Page - STMicroelectronics M95M01-DWDW4TP Datasheet HTML 35Page - STMicroelectronics M95M01-DWDW4TP Datasheet HTML 36Page - STMicroelectronics M95M01-DWDW4TP Datasheet HTML 37Page - STMicroelectronics M95M01-DWDW4TP Datasheet HTML 38Page - STMicroelectronics M95M01-DWDW4TP Datasheet HTML 39Page - STMicroelectronics M95M01-DWDW4TP Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
DocID023214 Rev 6
39/40
M95M01-A125 M95M01-A145
Revision history
39
11
Revision history
Table 19. Document revision history
Date
Revision
Changes
06-Jun-2012
1
Initial release.
30-Jul-2012
2
–VCC range R3 replaced with range W3
– Max clock frequency defined as 16 MHz when VCC > 4.5 V inside
the [-40 °C / +85 °C] temperature range
14-Feb-2013
3
– Removed UFDFPN8 (MLP8) package.
– Updated VRES maximum value in Table 13: DC characteristics
(voltage range W, temperature range 4) and Table 14: DC
characteristics (voltage range W, temperature range 3).
– Rephrased introduction of Section 3.5: Identification page and
information about Identification page in Section 6: Delivery state.
– Deleted note(1) under Table 6: Instruction set.
10-Apr-2013
4
Document reformatted.
Document status changed from “Preliminary data” to “Production
data”.
Updated note (1) under Table 8: Absolute maximum ratings.
04-Feb-2014
5
Changed Data retention from “40 years at 55 °C” to “50 years at
125 °C” in Features.
Removed bullets in Section 4.2: Write Disable (WRDI) (refer to
Section : WEL bit).
Removed redundant sentence after Table 5: Device identification
bytes.
31-Oct-2014
6
Updated Note 2 below Table 8: Absolute maximum ratings
Updated Table 14: DC characteristics (voltage range W, temperature
range 3)
Updated Table 18: Ordering information scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com