Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC60B Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # EC60B
Description  60mm Size Ring Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC60B Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  EC60B Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC60B Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC60B Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type
Ring type
40mm size
45mm size
50mm size
60mm size
Series
EC40A
EC45A
EC50A
EC60B
Photo
Output
Incremental
(Two phase A and B )
Absolute type
Incremental
(Two phase A and B )
Shaft types
Ring type
Number of pulse /
Number of detent
15/30
31 positions
9/18
15/30
Dimensions
(mm)
W
40.4
44.5
50.8
62.4
D
43
45
50
60
H
9
6.5
7.5
Operating temperature range
−40℃ to +85℃
Operating life
30,000 cycles
40,000 cycles
Automotive use
●
●
●
●
Life cycle (availability)
Electrical
performance
Rating
0.5mA 5V DC
1mA 5V DC
10mA 5V DC
Max./min. operating
current(Resistive load)
—
—
—
—
Insulation resistance
10MΩ min. 50V DC
10MΩ min. 250V DC
100MΩ min. 250V DC
Voltage proof
50V AC for 1 minute
50V AC for 1 minute or 60V AC for 2s
300V AC for 1 minute
or 360V AC for 1s
Mechanical
performance
Detent torque
20±11mN・m
40±16mN・m
36±16mN・m
40±14mN・m
40±10mN・m
Push-pull
strength
Push
100N
Pull
50N
100N
Shaft configuration
Ring type
Terminal type
Insertion
Switch
Specifications
Switch type
—
—
—
—
Contact
arrangement
—
—
—
—
Travel(mm)
—
—
—
—
Operating force(N)
—
—
—
—
Switch ON position
—
—
—
—
Rotational torque
—
—
—
—
Rating
—
—
—
—
Contact resistance
—
—
—
—
Operating life
—
—
—
—
Page
303
304
305
306
Encoders Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 307
Encoders Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 308
Note
● Indicates applicability to all products in the series.
266
List of Varieties
Encoders
NEW



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com