Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC60B Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC60B
Description  60mm Size Ring Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC60B Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC60B Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC60B Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC60B Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
306
Large-diameter ring supports greater multifunctionality
60mm Size Ring Type
EC60B
Product Line
17
40±10
30
15
EC60B1520401
Product No.
Actuator length
(mm)
Detent torque
(mN・m)
Number of detent
Number of
pulse
200
200
Minimum order unit(pcs.)
Japan
Export
■ Typical Specifications
Items
Specifications
Rating
10mA 5V DC
Operating life
40,000 cycles
Operating temperature range
−40℃ to +85℃
Refer to P.307 for soldering conditions.
Output Wave
Sliding Noise
Detent stability position
A signal
B signal
ON
ON OFF
OFF
CW direction
V1=V2=2.5V max.
At R = 5kΩ
Chattering : 5ms max. Bounce : 5ms max.
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
200
200
540×360×270
Packing Specifications
Tray
Dimensions
Unit:mm
Style
PC board mounting hole dimensions
(Viewed from mounting side)
19
φ58.9
2-3.5
7.5
17
3-3.5
12-7
3-6
9
Mounting surface
45°
45°
60°
60°
61.7
2-1.5
3-φ1.05
51
4-φ1.9
C
A B
3-25.55
19
φ58.9
2-3.5
7.5
17
3-3.5
12-7
3-6
9
Mounting surface
45°
45°
60°
60°
61.7
2-1.5
3-φ1.05
51
4-φ1.9
C
A B
3-25.55
Do not wire the shaded area
NEW
5V DC
RR
Terminal B
Terminal A
Terminal C
Encoder
Test circuit
tt
V1
V2
ON
ON
OFF
Output waveform
Sliding direction
t : Masking time to avoid chattering
Measurement condition:Rotation speed 360
˚/s


Similar Part No. - EC60B

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC60B ALPS-EC60B Datasheet
878Kb / 6P
Insulated shaft type with a wide variety of applications
logo
List of Unclassifed Man...
EC60B1520402 ETC-EC60B1520402 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - EC60B

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC60A ALPS-EC60A Datasheet
135Kb / 2P
60mm Size Encoder Type
logo
Molex Electronics Ltd.
0193174008 MOLEX4-0193174008 Datasheet
372Kb / 5P
VersaKrimp??SL Ring Type Connectors, Tin Plated Copper, Wire Size 500MCM-600MCM, 5/16" Stud Size
0193180408 MOLEX4-0193180408 Datasheet
138Kb / 2P
VersaKrimp??SL Ring Type Connectors, Tin Plated Copper, Wire Size 4/0 AWG, 5/16"Stud Size
logo
BetLux Electronics
TLL-E27B60-061 BETLUX-TLL-E27B60-061 Datasheet
35Kb / 1P
Ball Bulb , 60mm
REV NO: V. 1
logo
ALPS ELECTRIC CO.,LTD.
EC21A ALPS-EC21A_15 Datasheet
1Mb / 4P
21mm Size Ring Type
EC28A ALPS-EC28A_15 Datasheet
1Mb / 3P
28mm Size Ring Type
EC35A ALPS-EC35A Datasheet
1Mb / 3P
35mm Size Ring Type
EC40A ALPS-EC40A_15 Datasheet
724Kb / 3P
40mm Size Ring Type
EC45A ALPS-EC45A_15 Datasheet
694Kb / 3P
45mm Size Ring Type
EC50A ALPS-EC50A Datasheet
763Kb / 3P
50mm Size Ring Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com