Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDC50 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RDC50
Description  Rotary sensors catering to diverse position detection needs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RDC50 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RDC50 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RDC50 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RDC50 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RDC50 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RDC50 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RDC50 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
477
477
Method for Regulating the Linearity
With rated voltage applied between terminals 1 and 3, the straight line which
connects the measured output values VB and VA at specified reference positions
B and A is assumed to be an ideal straight line, so that deviation against the ideal
straight line when the voltage applied between terminals 1 and 3 is assumed to be
100% can be expressed as a percentage.
(Mecha stroke)
Position B
Position A
VA
VB
A
B
Model RDC80
4T output
2T output
±165˚
±165˚
180˚(phase difference)
2. The center is in the configuration diagram condition
1. Reference taper : 100%/340˚
100
0
50
0˚
center
Model RDC40
0
0
5
100
VA
13 rotations
1. Reference taper : 90%/13rotations
2. VA is measured output value
0
0
5
100
VA
13 rotations
1. Reference taper : 90%/13rotations
2. VA is measured output value
Model RDC10 / RD7
0
0˚
100
B
50
1. Reference taper:100%/A
2. Index point is 50% output point(RDC50/RDC90/RDCC0)
The center is in the configuration diagram condition
Model RDC50 / RDC90 / RD6R1A / RDCC0
〔
Total Resistance〕
The total resistance, with the shaft(lever)placed at the end of terminal 1 or 3, shall be determined by
measuring the resistance between the resistor terminals 1 and 3 unless otherwise specified.
〔Rating Voltage〕
The rating voltage corresponding to the rated power shall be determined by the following equation. When the
resulting rated voltage exceeds the maximum operating voltage of a specific resistor, the maximum operating
voltage shall be taken as the rated voltage.
Resistive Position Sensor
E=√ P・R
E:Rated voltage(V)
P:Rated power(W)
R:Total nominal resistance(Ω)
Resistive Position Sensors / Product Specifications
Series
A
B
C
RDC50
333.3°
±160°
±2%
RDC90
80°
±30°
±3%
260°
±122°
RD6R1A
320°
±155°
±2%
RDCC0
30°
±15°
±2%
Resistive Position Sensors / Measurement and Test Methods



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com