Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDC50 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RDC50
Description  Rotary sensors catering to diverse position detection needs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RDC50 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RDC50 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RDC50 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RDC50 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RDC50 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RDC50 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RDC50 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
466
466
Rotary sensors catering to diverse position
detection needs
Rotary Type
RDC40
RDC50
RDC90
Minimum order unit(pcs.)
Japan
Export
Mounting method
Drawing No.
Linearity
guarantee range Linearity Hollow shaft variation
Operating life
(cycles)
Model No.
1,500
3,000
1,600
1,600
3,900
1,960
3,900
1,960
770
770
3,600
3,600
Horizontal type
Vertical type
Reflow type
Reflow type
(Long-life)
Reflow type(Low-profile)
Connector type
RDC401D07A
RDC501015A
RDC501011A
RDC502010A
RDC503013A
RDC503015A
RDC506002A
RDC9010001
RDC9010003
Other varieties are also available. Please inquire.
Note
Refer to P.477 for product specifications.
Refer to P.478 for soldering conditions.
320°
60°
244°
13 rotations
±2%
±3%
±1%
2
3
4
1
5
6
Product Line
7
8
−
φ3.5 dia
φ3.5 dia with radius
100,000
1,000,000
10,000,000
φ3.5 dia
φ3.5 dia with radius
φ4 dia
φ3.5 dia
Packing Specifications
Tray / Taping
Reel size(Taping)
■ Typical Specifications
Items
Specifications
RDC40
RDC50
RDC90
Rated voltage
5V DC
Operating life
100,000 cycles
1,000,000
cycles
10,000,000
cycles
Total resistance
10kΩ
3.3kΩ (RDC9010001)
10kΩ (RDC9010003)
Operating
temperature range
−30℃ to +80℃
−40℃ to +120℃
Unit:mm
Outside 29.4
Inside 25.4
13 hole
Series
Packing
Specifications
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 case /Japan
1 case /export packing
RDC40
Tray
770
770
ー
526×370×191
RDC501
1,500
3,000
RDC502
1,600
1,600
370×280×92
RDC503
Taping
3,900
3,900
24
407×415×135
RDC506
3,600
3,600
RDC90
Tray
1,960
1,960
ー
240×300×270


Similar Part No. - RDC50

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RDC50 ALLIED-RDC50 Datasheet
818Kb / 1P
Radial Drum Core Inductors
RDC50-100K-RC ALLIED-RDC50-100K-RC Datasheet
756Kb / 1P
Radial Drum Core Inductors
RDC50-100K-RC ALLIED-RDC50-100K-RC Datasheet
818Kb / 1P
Radial Drum Core Inductors
RDC50-101K-RC ALLIED-RDC50-101K-RC Datasheet
756Kb / 1P
Radial Drum Core Inductors
RDC50-101K-RC ALLIED-RDC50-101K-RC Datasheet
818Kb / 1P
Radial Drum Core Inductors
More results

Similar Description - RDC50

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
FR05CM21AR MURATA-FR05CM21AR Datasheet
191Kb / 8P
Rotary Sensors
logo
Axiomtek Co., Ltd.
DSA-142 AXIOMTEK-DSA-142 Datasheet
268Kb / 1P
Motion detection sensors
logo
Murata Manufacturing Co...
SV01A103AEA01R00 MURATA-SV01A103AEA01R00 Datasheet
832Kb / 23P
Rotary Position Sensors
logo
SICK AG
MPA-719THTP0 SICK-MPA-719THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
2017-05-04
MPA-143THTP0 SICK-MPA-143THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
2017-05-04
logo
TT Electronics.
PHS04 TTELEC-PHS04 Datasheet
663Kb / 3P
Rotary Position Sensor
PHS11 TTELEC-PHS11 Datasheet
439Kb / 3P
Rotary Position Sensor
logo
Murata Manufacturing Co...
R51E MURATA-R51E Datasheet
729Kb / 26P
Rotary Position Sensors
logo
Melexis Microelectronic...
MLX90340 MELEXIS-MLX90340 Datasheet
1Mb / 42P
Absolute Rotary Position Sensor
logo
Honeywell Solid State E...
RTY360LVNAX HONEYWELL-RTY360LVNAX Datasheet
1Mb / 10P
Hall-effect Rotary Position Sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com