Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95020-DWMF4TG Datasheet(PDF) 19 Page - STMicroelectronics

Part # M95020-DWMF4TG
Description  Automotive 2-Kbit serial SPI bus EEPROMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95020-DWMF4TG Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M95020-DWMF4TG Datasheet HTML 15Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 16Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 17Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 18Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 19Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 20Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 21Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 22Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
DocID025284 Rev 5
19/41
M95020-A125 M95020-A145
Instructions
40
4.6
Write to Memory Array (WRITE)
The WRITE instruction is used to write new data in the memory.
As shown in Figure 10, to send this instruction to the device, Chip Select (S) is first driven
low. The bits of the instruction byte, address byte, and at least one data byte are then shifted
in (MSB first), on Serial Data Input (D). The instruction is terminated by driving Chip Select
(S) high at a data byte boundary. Figure 10 shows a single byte write.
Figure 10. Byte Write (WRITE) sequence
A Page write is used to write several bytes inside a page, with a single internal Write cycle.
For a Page write, Chip Select (S) has to remain low, as shown in Figure 11, so that the next
data bytes are shifted in. Each time a new data byte is shifted in, the least significant bits of
the internal address counter are incremented. If the address counter exceeds the page
boundary (the page size is 16 byte), the internal address pointer rolls over to the beginning
of the same page where next data bytes will be written. If more than 16 byte are received,
only the last 16 byte are written.
For both Byte write and Page write, the self-timed Write cycle starts from the rising edge of
Chip Select (S), and continues for a period tW (as specified in Table 14).
The instruction is discarded, and is not executed, under the following conditions:
•
if a Write cycle is already in progress
•
if Write Protect (W) is low or if the addressed page is in the area protected by the Block
Protect (BP1 and BP0) bits
•
if one of the conditions defined in Section 3.4.1 is not satisfied
Note:
The self-timed Write cycle tW is internally executed as a sequence of two consecutive
events: [Erase addressed byte(s)], followed by [Program addressed byte(s)]. An erased bit
is read as “0” and a programmed bit is read as “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com