Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95020-DWMF4TG Datasheet(PDF) 25 Page - STMicroelectronics

Part # M95020-DWMF4TG
Description  Automotive 2-Kbit serial SPI bus EEPROMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95020-DWMF4TG Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M95020-DWMF4TG Datasheet HTML 21Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 22Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 23Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 24Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 25Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 26Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 27Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 28Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
DocID025284 Rev 5
25/41
M95020-A125 M95020-A145
Application design recommendations
40
5
Application design recommendations
5.1
Supply voltage (VCC)
5.1.1
Operating supply voltage (VCC)
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied (see Table 9 and Table 10).
This voltage must remain stable and valid until the end of the transmission of the instruction
and, for a Write instruction, until the completion of the internal Write cycle (tW). In order to
secure a stable DC supply voltage, it is recommended to decouple the VCC line with a
suitable capacitor (usually of the order of 10 nF to 100 nF) close to the VCC/VSS package
pins.
5.1.2
Power-up conditions
When the power supply is turned on, VCC continuously rises from VSS to VCC. During this
time, the Chip Select (S) line is not allowed to float but should follow the VCC voltage. It is
therefore recommended to connect the S line to VCC via a suitable pull-up resistor (see
Figure 16).
The VCC voltage has to rise continuously from 0 V up to the minimum VCC operating voltage
defined in Table 12 and Table 13.
In order to prevent inadvertent write operations during power-up, a power-on-reset (POR)
circuit is included.
At power-up, the device does not respond to any instruction until VCC reaches the internal
threshold voltage (this threshold is defined in the DC characteristics tables 12 and 13 as
VRES).
When VCC passes over the POR threshold, the device is reset and in the following state:
•
in the Standby power mode
•
deselected
•
Status register values:
–
Write Enable Latch (WEL) bit is reset to 0.
–
Write In Progress (WIP) bit is reset to 0.
–
BP1 and BP0 bits remain unchanged (non-volatile bits).
•
not in the Hold condition
As soon as the VCC voltage has reached a stable value within [VCC(min), VCC(max)] range,
the device is ready for operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com