Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK271 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RK271
Description  High performance potentiometer with excellent operational feel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK271 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RK271 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK271 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK271 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK271 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK271 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK271 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
342
Refer to P.341 for attached parts.
Refer to P.343 for ordering products not listed.
In addition to the products listed, we can accommodate the follow specifications.
Products Specification
Type
Model
Mounting height(mm)
Detent variety
Gang error
Single-shaft,
single-unit
RK27111
Single-shaft,
dual-unit
RK27112
Single-shaft,
quad-unit
RK27114
12.5
Center
21
31
41
—
−60dB to 0dB
within 3dB
−80dB to −60dB
within 5dB
possible depending on total
resistance and taper.
Total Resistance Variety
Total resistance(kΩ)
10
5
20
50
100
250
Resistance Taper
Resistance taper
15A
3B
Dimensions of Shaft
1)Slotted type
Unit:mm
2)Flat type
Unit:mm
M8G0.75
L1
R1
7
C1
60˚
Shaft shown in full
CCW position
M8G0.75
7
C0.5
L1
1.6
Not specified slotting angle
L1
15
20
25
30
R1
7
12
12
12
L1
15
20
25
30
Marked are specifications recommended by Alps.
Note
27mm Size Metal Shaft Type / Other Specifications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com