Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK271 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RK271
Description  High performance potentiometer with excellent operational feel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK271 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RK271 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK271 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK271 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK271 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK271 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK271 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
343
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
J
A(15A)
When ordering product varieties that are not listed, specify referring to the examples below.
Sample Part Number
R K 2 7 1 1 2 A 0
S 2 5
C 0
A 1 0 4
Detent
Model type
Code
111
112
14A
12A
Model type
Single unit
Single unit, with detent
Quad-unit for vol.
Dual unit for vol.
Shaft type
Code
F
Shaft type
Flat
S
Slotted
Resistance taper
Code
A
V
Resistance taper
15A
3B
Total resistance
Code
502
103
Total resistance
(k Ω)
5
10
Total resistance
(k Ω)
50
100
Code
503
104
203
20
250
254
Length of the shaft L1(mm)
Code
15
Length of the shaft
15
20
25
30
20
25
30
Code
C0
C1
Detent
Without
Center
21
31
41
21
31
41
Marked are specifications recommended by Alps.
Note
27mm Size Metal Shaft Type / Ordering Products Not Listed



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com