Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574K72E5 Datasheet(PDF) 39 Page - STMicroelectronics

Part # SPC574K72E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E5 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SPC574K72E5 Datasheet HTML 35Page - STMicroelectronics SPC574K72E5 Datasheet HTML 36Page - STMicroelectronics SPC574K72E5 Datasheet HTML 37Page - STMicroelectronics SPC574K72E5 Datasheet HTML 38Page - STMicroelectronics SPC574K72E5 Datasheet HTML 39Page - STMicroelectronics SPC574K72E5 Datasheet HTML 40Page - STMicroelectronics SPC574K72E5 Datasheet HTML 41Page - STMicroelectronics SPC574K72E5 Datasheet HTML 42Page - STMicroelectronics SPC574K72E5 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 127 page
background image
DocID023601 Rev 5
39/127
SPC574Kxx
Electrical characteristics
126
Table 19 shows the VERY STRONG configuration output buffer electrical characteristics.
3.
CL is the sum of external capacitance. Device and package capacitances (CIN, defined in Table 14) are to be added to
calculate total signal capacitance (CTOT = CL + CIN).
4.
Transition time maximum value is approximated by the following formula: tTR_S(ns) = 4.5 ns + CL(pF) x 0.23 ns/pF.
5.
Only for VDD_HV_IO_JTAG segment when VSIO[VSIO_IJ] = 0 or VDD_HV_IO_FLEX segment when VSIO[VSIO_IF] = 0
Table 19. VERY STRONG configuration output buffer electrical characteristics(1)
Symbol
C
Parameter
Conditions(2)
Value(3)
Unit
Min
Typ
Max
ROH_V
CC
P
PMOS output impedance
VERY STRONG
configuration
VDD_HV_IO = 5.0 V ± 10%,
VSIO[VSIO_xx] = 1,
IOH = 8 mA
——
60
CVDD_HV_IO = 3.3 V ± 10%,
VSIO[VSIO_xx] = 0,
IOH = 7 mA
(4)
——
85
ROL_V
CC
P
NMOS output impedance
VERY STRONG
configuration
VDD_HV_IO = 5.0 V ± 10%,
VSIO[VSIO_xx] = 1,
IOL = 8 mA
——
60
CVDD_HV_IO = 3.3 V ± 10%,
VSIO[VSIO_xx] = 0,
IOL = 7 mA
(4)
——
85
fMAX_V
CC
T
Output frequency
VERY STRONG
configuration
VDD_HV_IO = 5.0 V ± 10%,
VSIO[VSIO_xx] = 1,
CL = 25 pF
(5)
——
50
MHz
VDD_HV_IO = 3.3 V ± 10%,
VSIO[VSIO_xx] = 1,
CL = 15 pF
(4),(5)
——
50
tTR_V
CC
T
10–90% threshold
transition time output pin
VERY STRONG
configuration
VDD_HV_IO = 5.0 V ± 10%,
VSIO[VSIO_xx] = 1,
CL = 25 pF
(5)
1—
5.3
ns
VDD_HV_IO = 5.0 V ± 10%,
VSIO[VSIO_xx] = 1,
CL = 50 pF
(5)
2.5
—
12
VDD_HV_IO = 5.0 V ± 10%,
VSIO[VSIO_xx] = 1,
CL = 200 pF
(5)
11
—
45
tTR20-80
CC
D
20–80% threshold
transition time(6) output pin
VERY STRONG
configuration
VDD_HV_IO = 5.0 V ± 10%,
VSIO[VSIO_xx] = 1,
CL = 25 pF
(5)
0.8
—
4
ns
VDD_HV_IO = 3.3 V ± 10%,
CL = 15 pF
(5)
1—5
tTRTTL
CC
D
TTL threshold transition
time(7) for output pin in
VERY STRONG
configuration
VDD_HV_IO = 3.3 V ± 10%,
CL = 25 pF
(5)
1—5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com