Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574K72E5 Datasheet(PDF) 49 Page - STMicroelectronics

Part # SPC574K72E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E5 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button SPC574K72E5 Datasheet HTML 45Page - STMicroelectronics SPC574K72E5 Datasheet HTML 46Page - STMicroelectronics SPC574K72E5 Datasheet HTML 47Page - STMicroelectronics SPC574K72E5 Datasheet HTML 48Page - STMicroelectronics SPC574K72E5 Datasheet HTML 49Page - STMicroelectronics SPC574K72E5 Datasheet HTML 50Page - STMicroelectronics SPC574K72E5 Datasheet HTML 51Page - STMicroelectronics SPC574K72E5 Datasheet HTML 52Page - STMicroelectronics SPC574K72E5 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 127 page
background image
DocID023601 Rev 5
49/127
SPC574Kxx
Electrical characteristics
126
Figure 11. Crystal/Resonator Connections
Crystal or Resonator
EXTAL
XTAL
On chip
Off chip
Cy
Cx
vsssyn
8-40MHz EXTERNAL
OSCILLATOR (XOSC) DRIVER
Table 25. Selectable load capacitance
load_cap_sel[4:0] from DCF record
Capacitance offered on EXTAL/XTAL
(Cx and Cy)(1),(2) (pF)
00000
1.0
00001
2.0
00010
2.9
00011
3.8
00100
4.8
00101
5.7
00110
6.6
00111
7.5
01000
8.5
01001
9.4
01010
10.3
01011
11.2
01100
12.2
01101
13.1
01110
14.0
01111
15.0
10000–11111(3)
Reserved
1.
Values are determined from simulation across process corners and voltage and temperature variation. Capacitance values
vary ±12% across process, 0.25% across voltage, and no variation across temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com