Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRTAG512L Datasheet(PDF) 16 Page - STMicroelectronics

Part # SRTAG512L
Description  NFC Forum Type 4 Tag IC with 512 bits EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRTAG512L Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SRTAG512L Datasheet HTML 12Page - STMicroelectronics SRTAG512L Datasheet HTML 13Page - STMicroelectronics SRTAG512L Datasheet HTML 14Page - STMicroelectronics SRTAG512L Datasheet HTML 15Page - STMicroelectronics SRTAG512L Datasheet HTML 16Page - STMicroelectronics SRTAG512L Datasheet HTML 17Page - STMicroelectronics SRTAG512L Datasheet HTML 18Page - STMicroelectronics SRTAG512L Datasheet HTML 19Page - STMicroelectronics SRTAG512L Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
SRTAG512L memory management
SRTAG512L
16/51
DocID027439 Rev 2
3.3
Access right life time
The access right life time is validated while the NDEF file is selected or until the end of the
RF session. Once the read or write access right is granted, the host can send one or more
ReadBinary or UpdateBinary commands.
At the end of a session or when the host selects another file, the read and write access
rights are initialized.
3.4
NDEF file passwords
The NDEF file passwords protect the read or write access from an RF interface from/to an
NDEF file.
Two NDEF file passwords are available for each NDEF file:
•
Read password
•
Write password
The length of a password is 128 bits (16 bytes).
Note:
The delivery state for all passwords = 0x00000000000000000000000000000000.
3.5
Read/Write counter
A 20 bits counter can track the read or write events on the NDEF file.
It benefits from an anti-tearing mechanism, that ensures the consistency of the counter,
even if there has been an electrical problem during its increment.
The value of the Read/Write counter can be checked by any application, by reading suitable
bytes in System file (see Section 3.1.4).
If enabled, the Read/Write counter will be incremented on first event (exclusively Read or
Write) which is performed on the NDEF File, inside an RF session (an RF session is entered
when SRTAG512L receives a valid "Select Application" command).
The counter is reset when it is disabled.
Apart from these procedures, there is no way to act on the value of this counter.
The Read/Write counter can be configured through a specific byte in System file (see
Section 3.1.4).
This configuration byte allows to:
•
Enable or disable this counter
•
Define if the counter must be incremented on a read or write sequence
•
Definitively lock this configuration byte
Warning:
Once this configuration byte is locked, it cannot be changed
anymore: the counter will behave accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com