Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRTAG512L Datasheet(PDF) 49 Page - STMicroelectronics

Part # SRTAG512L
Description  NFC Forum Type 4 Tag IC with 512 bits EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRTAG512L Datasheet(HTML) 49 Page - STMicroelectronics

Back Button SRTAG512L Datasheet HTML 43Page - STMicroelectronics SRTAG512L Datasheet HTML 44Page - STMicroelectronics SRTAG512L Datasheet HTML 45Page - STMicroelectronics SRTAG512L Datasheet HTML 46Page - STMicroelectronics SRTAG512L Datasheet HTML 47Page - STMicroelectronics SRTAG512L Datasheet HTML 48Page - STMicroelectronics SRTAG512L Datasheet HTML 49Page - STMicroelectronics SRTAG512L Datasheet HTML 50Page - STMicroelectronics SRTAG512L Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
DocID027439 Rev 2
49/51
SRTAG512L
Part numbering
11
Part numbering
Note:
Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are
not yet qualified and therefore not yet ready to be used in production and any consequences
deriving from such usage will not be at ST charge. In no event, ST will be liable for any
customer usage of these engineering samples in production. ST Quality has to be contacted
prior to any decision to use these Engineering samples to run qualification activity.
Table 58. Ordering information scheme for packaged devices
Example:
SRTAG
512 L-
SB12
/5
Device type
SRTAG = Short range tag
Memory size
512 = memory size in bits
Device feature
L- = tag (no digital output)
Package
SB12 = 120 µm ± 15 µm bumped and sawn
inkless wafer on 8-inch frame
Device grade
6 = industrial: device tested with standard test flow over –40 to 85 °C
(No parameter for SB12)
Option
T = Tape and reel packing
(No parameter for SB12)
Capacitance
/5 = 50 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com