Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1L08SPU33R Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST1L08SPU33R
Description  800 mA ultra low drop, high PSRR voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L08SPU33R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST1L08SPU33R Datasheet HTML 5Page - STMicroelectronics ST1L08SPU33R Datasheet HTML 6Page - STMicroelectronics ST1L08SPU33R Datasheet HTML 7Page - STMicroelectronics ST1L08SPU33R Datasheet HTML 8Page - STMicroelectronics ST1L08SPU33R Datasheet HTML 9Page - STMicroelectronics ST1L08SPU33R Datasheet HTML 10Page - STMicroelectronics ST1L08SPU33R Datasheet HTML 11Page - STMicroelectronics ST1L08SPU33R Datasheet HTML 12Page - STMicroelectronics ST1L08SPU33R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ST1L08
Electrical characteristics
DocID026624 Rev 2
9/21
TJ = 25 °C, VIN = VOUT + 0.5 V, VBIAS = VOUT + 1.5 Va, CIN = CBIAS
= 1 μF, COUT = 4.7 μF,
VEN = VBIAS, unless otherwise specified.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input
voltage
1
5.5
V
VBIAS
Operating bias
voltage (1)
2.7
5.5
V
VOUT
Output voltage
range
0.5
4
V
IIN
VIN operating
current
4
10
µA
IBIAS
VBIAS operating
current
IOUT = 10 µA
45
150
µA
VOUT
VOUT accuracy
IOUT = 1 mA to 800 mA
TJ = 25 °C
-2
2
-40 °C < TJ < 125 °C
-2.5
2.5
%
ΔVOUT
VIN static line
regulation
IOUT = 1 mA
VBIAS = VOUT + 1.5 V
VOUT
+ 0.5 V ≤ VIN ≤ 5.5 V
0.003
0.015
%/V
VBIAS static line
regulation
IOUT = 100 mA
VIN = VOUT + 0.5 V
VOUT
+ 1.5 V ≤ VBIAS ≤ 5.5 V
0.04
0.2
%/V
ΔVOUT
Static load
regulation
IOUT = 1 mA to 800 mA
0.0005
0.0025
%/mA
VDROP
Dropout voltage
IOUT = 800 mA
VBIAS = 4.8 V
VOUT = 3.3 V
100
mV
40 °C < TJ < 125 °C
150
eN
Output noise
voltage
10 Hz to 100 kHz
IOUT = 10 mA
VOUT = 3.3 V
200
µVRMS
SVR
Supply voltage
rejection
VIN > VOUT + 0.5 V +/- VRIPPLE
VRIPPLE = 0.1 V
f = 100 Hz
70
dB
f = 10 kHz
53
f = 1 MHz
30
IGND
Ground current
IOUT = 0 mA
TJ = 25 °C
40
μA
IOUT = 500 mA
TJ = 25 °C
50
a Important: in any case VBIAS ≥ VOUT + 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com