Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1L08SPU33R Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1L08SPU33R
Description  800 mA ultra low drop, high PSRR voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L08SPU33R Datasheet(HTML) 1 Page - STMicroelectronics

  ST1L08SPU33R Datasheet HTML 1Page - STMicroelectronics ST1L08SPU33R Datasheet HTML 2Page - STMicroelectronics ST1L08SPU33R Datasheet HTML 3Page - STMicroelectronics ST1L08SPU33R Datasheet HTML 4Page - STMicroelectronics ST1L08SPU33R Datasheet HTML 5Page - STMicroelectronics ST1L08SPU33R Datasheet HTML 6Page - STMicroelectronics ST1L08SPU33R Datasheet HTML 7Page - STMicroelectronics ST1L08SPU33R Datasheet HTML 8Page - STMicroelectronics ST1L08SPU33R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
November 2015
DocID026624 Rev 2
1/21
This is information on a product in full production.
www.st.com
ST1L08
800 mA ultra low drop, high PSRR voltage regulator
Datasheet - production data
Features
Input voltage from 1 to 5.5 V
Ultra low-dropout voltage (90 mV max. @
800 mA load)
Low ground current (35 μA typ. @ no load)
Output voltage tolerance: ± 2.0% @ 25 °C
High PSRR: 80 dB @ 100 Hz, 50 dB @
1 MHz
800 mA guaranteed output current
Wide range of output voltages available on
request: from 0.5 V to 4 V and adjustable
Logic-controlled electronic shutdown
Internal current and thermal limit
Power Good function
Available in DFN8 2x3 mm package
Temperature range: -40 °C to 125 °C
Input voltage control for the ST1L08Sxx
Applications
Consumer
Hard disk drives, SSD
Computer
Battery-powered systems
Low voltage point of load
Description
The ST1L08 provides 0.8 A of maximum current
from an input voltage in the range from 1 V to
5.5 V, with a typical dropout voltage as low as
70 mV.
It is stabilized with a ceramic capacitor on the
output.
The very low drop voltage, low quiescent current
and high PSRR features make it suitable for low
power battery-powered applications.
Enable logic control function puts the ST1L08 in
shutdown mode, reducing the total current
consumption.
Power Good function and input voltage control
feature the ST1L08Sxx version.
The device is equipped with current limit and
thermal protection.
Table 1: Device summary
Order code
Power Good and VIN control
Package
Output voltages
ST1L08SPU12R
Yes
DFN8 (2x3 mm)
1.2 V
ST1L08SPU33R
Yes
3.3 V
ST1L08SPUR
Yes
Adjustable
ST1L08PUR
No
Adjustable


Similar Part No. - ST1L08SPU33R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1L02PU18R STMICROELECTRONICS-ST1L02PU18R Datasheet
422Kb / 19P
Very low quiescent BiCMOS voltage regulator
12-Mar-2008
ST1L02PU25R STMICROELECTRONICS-ST1L02PU25R Datasheet
422Kb / 19P
Very low quiescent BiCMOS voltage regulator
12-Mar-2008
ST1L02PU33R STMICROELECTRONICS-ST1L02PU33R Datasheet
422Kb / 19P
Very low quiescent BiCMOS voltage regulator
12-Mar-2008
ST1L02PUR STMICROELECTRONICS-ST1L02PUR Datasheet
422Kb / 19P
Very low quiescent BiCMOS voltage regulator
12-Mar-2008
ST1L02XX STMICROELECTRONICS-ST1L02XX Datasheet
422Kb / 19P
Very low quiescent BiCMOS voltage regulator
12-Mar-2008
More results

Similar Description - ST1L08SPU33R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
logo
Texas Instruments
LP38798 TI-LP38798 Datasheet
2Mb / 23P
LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
logo
ON Semiconductor
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCP3985SN180R2G ONSEMI-NCP3985SN180R2G Datasheet
112Kb / 10P
Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
logo
Texas Instruments
LP38798 TI-LP38798_15 Datasheet
2Mb / 27P
LP38798 High PSRR, Ultra-Low-Noise, 800-mA Linear Voltage Regulator for RF/Analog Circuits
logo
ON Semiconductor
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
logo
Analog Devices
ADM7150 AD-ADM7150 Datasheet
801Kb / 24P
800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. 0
ADM7151 AD-ADM7151 Datasheet
1Mb / 24P
800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
logo
Toshiba Semiconductor
TCR8BM TOSHIBA-TCR8BM Datasheet
1Mb / 15P
800 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com