Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1L08PUR Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST1L08PUR
Description  800 mA ultra low drop, high PSRR voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L08PUR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST1L08PUR Datasheet HTML 6Page - STMicroelectronics ST1L08PUR Datasheet HTML 7Page - STMicroelectronics ST1L08PUR Datasheet HTML 8Page - STMicroelectronics ST1L08PUR Datasheet HTML 9Page - STMicroelectronics ST1L08PUR Datasheet HTML 10Page - STMicroelectronics ST1L08PUR Datasheet HTML 11Page - STMicroelectronics ST1L08PUR Datasheet HTML 12Page - STMicroelectronics ST1L08PUR Datasheet HTML 13Page - STMicroelectronics ST1L08PUR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Electrical characteristics
ST1L08
10/21
DocID026624 Rev 2
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IOUT = 800 mA,
40 °C < TJ < 125 °C
50
150
ISC
Short-circuit
current
RL = 0
1.8
A
VEN
Enable input
logic low
0.8
V
Enable input
logic high
1.3
IEN
Enable pin input
current
VEN = 1.3 V
1
μA
PG
Power Good
output threshold
Rising edge
0.92 *
VOUT
V
Falling edge
0.8 *
VOUT
Power Good
output voltage
low
Isink = 6 mA open drain output
0.4
V
TSHDN
Thermal
shutdown
165
°C
Hysteresis
20
Notes:
(1)Important: in any case VBIAS ≥ VOUT + 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com