Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1L08PUR Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST1L08PUR
Description  800 mA ultra low drop, high PSRR voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L08PUR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST1L08PUR Datasheet HTML 7Page - STMicroelectronics ST1L08PUR Datasheet HTML 8Page - STMicroelectronics ST1L08PUR Datasheet HTML 9Page - STMicroelectronics ST1L08PUR Datasheet HTML 10Page - STMicroelectronics ST1L08PUR Datasheet HTML 11Page - STMicroelectronics ST1L08PUR Datasheet HTML 12Page - STMicroelectronics ST1L08PUR Datasheet HTML 13Page - STMicroelectronics ST1L08PUR Datasheet HTML 14Page - STMicroelectronics ST1L08PUR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ST1L08
Application information
DocID026624 Rev 2
11/21
6
Application information
6.1
Thermal and short-circuit protections
The ST1L08 is self-protected from short-circuit condition and overtemperature. When the
output load is higher than the one supported by the device, the output current increases
until the limit of typically 1.8 A is reached, at this point the current is kept constant even
when the load impedance is zero.
Thermal protection acts when the junction temperature reaches 165 °C typical. At this point
the output of the IC shuts down. As soon as the junction temperature falls below the
thermal hysteresis value the device starts working again.
In order to calculate the maximum power that the device can dissipate, keeping the junction
temperature below the TOP, the following formula is used:
Equation 1
6.2
Output voltage setting for ADJ version
In the adjustable version, the output voltage can be set from 0.5 V up to 4 V, by connecting
a resistor divider between the ADJ pin and the output, thus allowing remote voltage
sensing.
The resistor divider should be selected using the following equation:
Equation 2
The resistors to be used, should have values in the range from 10 kΩ to 100 kΩ.
Lower values can also be suitable, but they increase current consumption.
6.3
Bias pin voltage requirements
The bias input is designed for low drop applications. The bias pin must be at least 2.7 V,
and at least 1.5 V higher than the output, to ensure proper biasing to the N-channel power
pass transistor.
If VIN supply voltage meets these requirements, the bias pin can be tied to VIN.
6.4
External capacitors requirements
The regulator is designed to be stable with ultra low ESR ceramic capacitors on the input
and the output. The suggested minimum value of the input, bias and output capacitors is
1 μF. The input capacitor must be connected as closer as possible to the VIN terminal. The
output capacitor must also be connected as closer as possible to the output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com