Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR1-LABU Datasheet(PDF) 1 Page - STMicroelectronics

Part # SR1-LABU
Description  Integrated test mode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR1-LABU Datasheet(HTML) 1 Page - STMicroelectronics

  SR1-LABU Datasheet HTML 1Page - STMicroelectronics SR1-LABU Datasheet HTML 2Page - STMicroelectronics SR1-LABU Datasheet HTML 3Page - STMicroelectronics SR1-LABU Datasheet HTML 4Page - STMicroelectronics SR1-LABU Datasheet HTML 5Page - STMicroelectronics SR1-LABU Datasheet HTML 6Page - STMicroelectronics SR1-LABU Datasheet HTML 7Page - STMicroelectronics SR1-LABU Datasheet HTML 8Page - STMicroelectronics SR1-LABU Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
May 2014
DocID026048 Rev 2
1/21
SR1
4 pin Smart Reset™
Datasheet
- production data
Features
 Operating voltage range 2 V to 5.5 V
 Low supply current 1 µA
 Integrated test mode
 Single Smart Reset™ push-button input with
fixed extended reset setup delay (tSRC) from
0.5 s to 10 s in 0.5 s steps (typ.), option with
internal input pull-up resistor
 Push-button controlled reset pulse duration
– Option 1: fully push-button controlled, no
fixed or minimum pulse width guaranteed
– Option 2: defined output reset pulse
duration (tREC), factory-programmed
 Single reset output
– Active low or active high
– Push-pull or open drain with optional pull-
up resistor
 Fixed Smart Reset input logic voltage levels
 Operating temperature: -40 °C to +85 °C
 UDFN6 package 1.00 mm x 1.45 mm
 ECOPACK®2 (RoHS compliant, Halogen-
Free)
Applications
 Wearable
 Activity tracker
 Smartwatch
 Smartglasses
UDFN6 (1.00 x 1.45 mm)
www.st.com


Similar Part No. - SR1-LABU

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
SR1-01100FZM AAC-SR1-01100FZM Datasheet
110Kb / 1P
CURRENT SHUNT RESISTORS
SR1-0160FZM AAC-SR1-0160FZM Datasheet
110Kb / 1P
CURRENT SHUNT RESISTORS
SR1-02100FZM AAC-SR1-02100FZM Datasheet
110Kb / 1P
CURRENT SHUNT RESISTORS
SR1-0260FZM AAC-SR1-0260FZM Datasheet
110Kb / 1P
CURRENT SHUNT RESISTORS
SR1-03100FZM AAC-SR1-03100FZM Datasheet
110Kb / 1P
CURRENT SHUNT RESISTORS
More results

Similar Description - SR1-LABU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6841 ETC-SG6841 Datasheet
357Kb / 14P
High-integrated Green-mode PWM Controller
logo
ON Semiconductor
NUC2401MN ONSEMI-NUC2401MN Datasheet
175Kb / 4P
Integrated Common Mode Choke with Integrated ESD Protection
May, 2009 ??Rev. 1
NUC2401MN ONSEMI-NUC2401MN_10 Datasheet
145Kb / 4P
Integrated Common Mode Choke with Integrated ESD Protection
January, 2010 ??Rev. 2
logo
Schurter Inc.
0040.1021 SCHURTER-0040.1021 Datasheet
116Kb / 1P
TEST JACKS, TEST PROBES
0040.1211 SCHURTER-0040.1211 Datasheet
377Kb / 1P
TEST JACKS, TEST PROBES
logo
Fairchild Semiconductor
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
Highly Integrated Green-Mode PWM Controller
logo
Pulse A Technitrol Comp...
PA4040.001NL PULSE-PA4040.001NL Datasheet
536Kb / 2P
THT Integrated Common Mode and Differential Mode Choke
logo
STMicroelectronics
STM6524 STMICROELECTRONICS-STM6524 Datasheet
285Kb / 24P
Integrated test mode
August 2012 Rev 3
logo
Pulse A Technitrol Comp...
PA4040.XXXNL PULSE-PA4040.XXXNL Datasheet
536Kb / 2P
THT Integrated Common Mode and Differential Mode Choke
logo
List of Unclassifed Man...
AEC-Q100-REV-H ETC-AEC-Q100-REV-H Datasheet
814Kb / 48P
FAILURE MECHANISM BASED STRESS TEST QUALIFICATION FOR INTEGRATED CIRCUITS
September 11, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com