Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR1-LABU Datasheet(PDF) 19 Page - STMicroelectronics

Part # SR1-LABU
Description  Integrated test mode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR1-LABU Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SR1-LABU Datasheet HTML 13Page - STMicroelectronics SR1-LABU Datasheet HTML 14Page - STMicroelectronics SR1-LABU Datasheet HTML 15Page - STMicroelectronics SR1-LABU Datasheet HTML 16Page - STMicroelectronics SR1-LABU Datasheet HTML 17Page - STMicroelectronics SR1-LABU Datasheet HTML 18Page - STMicroelectronics SR1-LABU Datasheet HTML 19Page - STMicroelectronics SR1-LABU Datasheet HTML 20Page - STMicroelectronics SR1-LABU Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
DocID026048 Rev 2
19/21
SR1
Package marking information
21
12
Package marking information
Figure 17. Package marking (top view)
Table 7. Package marking
Part number
tSRC (s)
Smart Reset
inputs(1)
1.
AL = active low.
Output
type(2)
2.
OD = open drain, AL = active low.
tREC
option(3)
3.
No tREC = push-button controlled reset pulse width, any other value represents typical value of tREC.
Package
Topmark
SR1CARU
1.5
AL
OD, AL
No tREC
UDFN6
CA
SR1HARU
4.0
AL
OD, AL
No tREC
UDFN6
HA
SR1LARU
6.0
AL
OD, AL
No tREC
UDFN6
LA
SR1PAAU
7.5
AL
OD, AL
210 ms
UDFN6
PB
SR1PARU
7.5
AL
OD, AL
No tREC
UDFN6
PA
SR1PBBU
7.5
AL + pull-up
OD, AL
360 ms
UDFN6
PC
SR1UARU
10.0
AL
OD, AL
No tREC
UDFN6
UA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com