Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA02K-D Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST25TA02K-D
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and general purpose digital output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-D Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST25TA02K-D Datasheet HTML 19Page - STMicroelectronics ST25TA02K-D Datasheet HTML 20Page - STMicroelectronics ST25TA02K-D Datasheet HTML 21Page - STMicroelectronics ST25TA02K-D Datasheet HTML 22Page - STMicroelectronics ST25TA02K-D Datasheet HTML 23Page - STMicroelectronics ST25TA02K-D Datasheet HTML 24Page - STMicroelectronics ST25TA02K-D Datasheet HTML 25Page - STMicroelectronics ST25TA02K-D Datasheet HTML 26Page - STMicroelectronics ST25TA02K-D Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
DocID027817 Rev 1
23/64
ST25TA02K-D
ST25TA02K-D memory management
Warning:
When GPO config lock bit is set to "1", the whole byte cannot
be changed anymore.
3.2
Read and write access rights to the NDEF File
The NDEF file can be locked for read or write accesses. It is also protected by a 128-bit
password that the host shall present before accessing the NDEF file. There are two 128-bit
passwords, one for the read access and the other one for the write access.
An NDEF file can be permanently locked for read or write accesses. Thus, the host cannot
access the NDEF file.
The read password shall be sent to the ST25TA02K-D device before reading a read-locked
NDEF file.
The write password shall be present on the ST25TA02K-D device before writing a write-
locked NDEF file. The write password shall be sent to change the read or write access. The
read or write access right is defined for the NDEF file.
3.2.1
State of the Read and Write access rights
Two bytes in the CC file are used to define the Read and Write access rights to the NDEF
file. For more details, refer to Section 3.1.2: CC file layout.
Table 8. Details about the Counter config field
File offset
b7
b6-b2
b1
b0
0x0003
Counter config lock bit:
0b0: unlocked
0b1: locked
0b00000: ST reserved
Counter enable:
0b0: disable
0b1: enable
Counter increment:
0b0: on Read
0b1: on Write
Table 9. Read access right
Value
Meaning
0x00
Read access without any security
0x80
Locked (1)
1. The read password shall be sent before reading in the NDEF file.
0xFE
Read not authorized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com