Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA02K-D Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST25TA02K-D
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and general purpose digital output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-D Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST25TA02K-D Datasheet HTML 35Page - STMicroelectronics ST25TA02K-D Datasheet HTML 36Page - STMicroelectronics ST25TA02K-D Datasheet HTML 37Page - STMicroelectronics ST25TA02K-D Datasheet HTML 38Page - STMicroelectronics ST25TA02K-D Datasheet HTML 39Page - STMicroelectronics ST25TA02K-D Datasheet HTML 40Page - STMicroelectronics ST25TA02K-D Datasheet HTML 41Page - STMicroelectronics ST25TA02K-D Datasheet HTML 42Page - STMicroelectronics ST25TA02K-D Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
DocID027817 Rev 1
39/64
ST25TA02K-D
RF command sets
58
5.6.7
ReadBinary command
On receiving the ReadBinary command, the ST25TA02K-D reads the requested memory
field and sends back its value in the R-APDU response.
Before sending a ReadBinary command, a file shall be selected by using a Select
command.
The Response of the ReadBinary command is successful when the data to be read is within
the selected file (a); in other words, when the sum of P1-P2 and Le fields is equal to or lower
than the selected file length.
Table 31 defines the ReadBinary command.
Table 32 defines the R-APDU of the ReadBinary command.
Note:
For further return codes and definitions, refer to Section 5.6.2: Status and error codes.
a. For more details about CC file, refer to Section 3.1.2: CC file layout.
For more details about NDEF file, refer to Section 3.1.3: NDEF file layout.
For more details about System file, refer to Section 3.1.4: System file layout.
Table 31. C-APDU of the ReadBinary command
Name
CLA
INS
P1 & P2
Lc
Data
Le
-
0x00
0xB0
2 bytes
-
-
1 byte
Class byte
Read instruction code
Offset in the file selected
(empty field)
(empty field)
Number of bytes to read between
0x01
≤Le ≤max(Selected File length, 0xFFh)
Table 32. R-APDU of the ReadBinary command
Data
SW1
SW2
Comment
Length
-
1 byte
1 byte
-
Value
Content read
0x90
0x00
Command completed
Value
-
0x67
0x00
Wrong length
Value
-
0x69
0x82
Security status not satisfied
Value
-
0x6A
0x82
File or application not found
Value
-
0x6E
0x00
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com