Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA512 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST25TA512
Description  NFC Forum Type 4 Tag IC with 512 bits EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA512 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST25TA512 Datasheet HTML 34Page - STMicroelectronics ST25TA512 Datasheet HTML 35Page - STMicroelectronics ST25TA512 Datasheet HTML 36Page - STMicroelectronics ST25TA512 Datasheet HTML 37Page - STMicroelectronics ST25TA512 Datasheet HTML 38Page - STMicroelectronics ST25TA512 Datasheet HTML 39Page - STMicroelectronics ST25TA512 Datasheet HTML 40Page - STMicroelectronics ST25TA512 Datasheet HTML 41Page - STMicroelectronics ST25TA512 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
RF command sets
ST25TA512
38/50
DocID027776 Rev 1
Note:
For further return codes and definitions, refer to Section 5.6.2: Status and error codes.
5.9
Specific RF command set
This section describes the command set that can be issued only by the RF host.
5.9.1
Anticollision command set
Table 46 lists the commands that can be issued only by the RF host. The format of these
commands is described in the NFC Forum Digital Protocol specification.
Note:
In response to a SDD_REQ Command with a SEL_PAR value equal to 20h, ST25TA512 in
the Operating Field transmit the requested cascade level of their NFCID1 (NFCID1 CLn,
with n=1 or 2). The NFCID1 of ST25TA512 consists of 7 bytes. The length of the Response
containing a complete NFCID1 cascade level (i.e., NFCID1 CL1, or NFCID1 CL2) is always
5 bytes. The coding of the Response depends on the value of the SEL_CMD byte and the
size of the NFCID1.
Refer to example below for more details .
Value
-
0x6A
0x82
File or application not found
Value
-
0x6A
0x86
Incorrect P1 or P2 values
Table 45. R-APDU table of the EnablePermanentState command (continued)
Data
SW1
SW2
Comment
Table 46. Commands issues by the RF host
Family command set
Command name
Instruction code
NFC-A technology
ALL_REQ
0x52 (1)
1. Code on 7 bits.
SENS_REQ
0x26 (1)
SDD_REQ
0x93 or 0x95
SEL_REQ
0x93 or 0x95
SLP_REQ
0x50
Table 47. Example of anticollision sequence
Command
Code
Comment
Response
Code
Comment
SENS_REQ
or
ALL-REQ
26
-
ATQA
42 00
UID double size bit
frame anticollision
52
SDD_REQ 1
93 20
NVB 20
Number Valid bit
(2 bytes Code & NVB)
-
CT uid1 uid2
uid3 BCC
CT Cascade Tag
“0x88”
(UID 7bytes)
BCC Block Check
Character (XOR
previous Bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com