Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA512 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST25TA512
Description  NFC Forum Type 4 Tag IC with 512 bits EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA512 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST25TA512 Datasheet HTML 42Page - STMicroelectronics ST25TA512 Datasheet HTML 43Page - STMicroelectronics ST25TA512 Datasheet HTML 44Page - STMicroelectronics ST25TA512 Datasheet HTML 45Page - STMicroelectronics ST25TA512 Datasheet HTML 46Page - STMicroelectronics ST25TA512 Datasheet HTML 47Page - STMicroelectronics ST25TA512 Datasheet HTML 48Page - STMicroelectronics ST25TA512 Datasheet HTML 49Page - STMicroelectronics ST25TA512 Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
Maximum rating
ST25TA512
46/50
DocID027776 Rev 1
9
Maximum rating
Stressing the device above the rating listed in Table 55 may cause permanent damage to
the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect the device
reliability.
Table 55. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient operating temperature
-40
85
°C
TSTG,
hSTG,
tSTG
Storage conditions
Sawn wafer
on UV tape
15
25
°C
-6 (1)
1. Counted from ST shipment date.
months
Kept in its original packing form
TSTG
Storage temperature
Sawn bumped
Wafer
(kept in its
antistatic bag)
15
25
°C
Storage time
-
6
months
ICC (2)
2. Based on characterization, not tested in production. Maximum absorbed power = 100 mW @ 7.5 A/m
RF supply current AC0 - AC1
-
100
mA
VMAX_1 (2)
RF input voltage
amplitude between
AC0 and AC1, VSS pad
left floating
VAC0-VAC1
(Peak to Peak)
-10
V
VESD
Electrostatic discharge
voltage (human body
model) (3)
3. AEC-Q100-002 (compliant with JEDEC Std JESD22-A114A, C1 = 100 pF, R1 = 1500
Ω, R2 = 500 Ω)
AC0-AC1
-
1000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com