Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2149B Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST2149B
Description  4-bit dual supply level translator without direction control pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2149B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST2149B Datasheet HTML 8Page - STMicroelectronics ST2149B Datasheet HTML 9Page - STMicroelectronics ST2149B Datasheet HTML 10Page - STMicroelectronics ST2149B Datasheet HTML 11Page - STMicroelectronics ST2149B Datasheet HTML 12Page - STMicroelectronics ST2149B Datasheet HTML 13Page - STMicroelectronics ST2149B Datasheet HTML 14Page - STMicroelectronics ST2149B Datasheet HTML 15Page - STMicroelectronics ST2149B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Electrical characteristics
ST2149B
12/23
Doc ID 023310 Rev 1
IIO_LKG
High
impedance
leakage
current
(I/OVL,
I/OVCC)
1.65 to 3.6 VL to 5.5
OE = GND
I/OVL = high
I/OVCC = low
––
0.1
1
µA
OE = GND
I/OVL = low
I/OVCC = high
––
0.1
1
µA
IQVCC
Quiescent
supply
current VCC
1.65 to 3.6 VL to 5.5
OE = VL
–-
7
9
µA
IQVL
Quiescent
supply
current VL
1.65 to 3.6 VL to 5.5
OE = VL
––
0.1
1
µA
IZ-VCC
High
impedance
quiescent
supply
current VCC
1.65 to 3.6 VL to 5.5
OE = GND
I/O = Hi-Z
––
0.1
1
µA
IZ-VL
High
impedance
quiescent
supply
current VL
1.65 to 3.6 VL to 5.5
OE = GND
I/O = Hi-Z
––
0.1
1
µA
Table 6.
DC characteristics (continued)
Symbol
Parameter
VL
VCC
Test
conditions
Value
Unit
TA = 25 °C
-40 to 85
°C
Min.
Typ.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com