Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2149B Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST2149B
Description  4-bit dual supply level translator without direction control pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2149B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST2149B Datasheet HTML 15Page - STMicroelectronics ST2149B Datasheet HTML 16Page - STMicroelectronics ST2149B Datasheet HTML 17Page - STMicroelectronics ST2149B Datasheet HTML 18Page - STMicroelectronics ST2149B Datasheet HTML 19Page - STMicroelectronics ST2149B Datasheet HTML 20Page - STMicroelectronics ST2149B Datasheet HTML 21Page - STMicroelectronics ST2149B Datasheet HTML 22Page - STMicroelectronics ST2149B Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
ST2149B
Package mechanical data
Doc ID 023310 Rev 1
19/23
Table 12.
Mechanical data for QFN12 (1.7 x 2.0 mm) - 0.40 mm pitch
Symbol
Dimensions
mm.
Min.
Nom.
Max.
A
0.45
0.50
0.55
A1
0.00
0.02
0.05
b
0.15
0.20
0.25
D
1.70 BSC
E
2.00 BSC
e
0.40 BSC
L
0.35
0.45
0.55
aaa
0.05
bbb
0.07
ccc
0.10
ddd
0.05
eee
0.08
N
12
ND
1
NE
5
Notes
(1),(2)
1.
Dimensioning and tolerance conform to ASME Y14.5M-1994.
2.
All dimensions are in millimeters.
3.
N is the total number of terminals.
4.
The location of the terminal #1 identifier and terminal numbering convention conforms to JEDEC
publication 95 SPP-002.
5.
ND and NE refer to the number of terminals on the D and E side respectively.
6.
Dimension b applies to the metallized terminal. If the terminal has the optional radius on the other end of
the terminal, dimension b should not be measured in that radius area.
7.
Coplanarity applies to the terminals and all other bottom surface metallization.
8.
NJ in the variation code refers to a package which is not currently JEDEC registered.
LF part No.
-
LF DWG. No.
B-2888



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com