Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9200 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STAC9200
Description  200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC9200 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STAC9200 Datasheet HTML 3Page - STMicroelectronics STAC9200 Datasheet HTML 4Page - STMicroelectronics STAC9200 Datasheet HTML 5Page - STMicroelectronics STAC9200 Datasheet HTML 6Page - STMicroelectronics STAC9200 Datasheet HTML 7Page - STMicroelectronics STAC9200 Datasheet HTML 8Page - STMicroelectronics STAC9200 Datasheet HTML 9Page - STMicroelectronics STAC9200 Datasheet HTML 10Page - STMicroelectronics STAC9200 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DocID025416 Rev 2
7/14
STAC9200
Electrical schematic and BOM
14
5
Electrical schematic and BOM
Figure 5. Electrical schematic
BALUN1
INPUT
RF
C1
C2
D.U.T.
C3
C4
C5 C6
BALUN2
OUTPUT
RF
C11
C12
C13
C14
C8
C7
C9
C10
C15
R2
R1
VGG
FB1
R5
C16
TL1
TL2
TL3
TL5
TL4
TL6
TL7
TL8
TL9
TL10
R3
VGG
FB2
R6
C17
R4
C18
C21
VDD
C20
FB3
C19
L1
C24
VDD
C23
FB4
L2
C22
Table 6. Component list
Item
Qty
Part no
Vendor
Description, dimension (x,y)
C1,C2,C13,C14,
C16,C18,C19,C22
8
ATC100B510FW1500X
ATC
51 pF ATC 100B surface mount ceramic
chip capacitor
C3, C11
2
27291PC
JOHANSON
0.8-8 pF Giga trim variable capacitor
C4
1
ATC100B0R6BW1500XT
ATC
0.6 pF ATC 100B surface mount ceramic
chip capacitor
C5
1
ATC100B6R2BW1500XT
ATC
6.2 pF ATC 100B surface mount ceramic
chip capacitor
C6
1
ATC100B150BW1500XT
ATC
15 pF ATC 100B surface mount ceramic
chip capacitor
C7,C9
2
ATC100B5R1BW1500XT
ATC
5.1 pF ATC 100B surface mount ceramic
chip capacitor
C8,C10
2
ATC100B4R7BW1500XT
ATC
4.7 pF ATC 100B surface mount ceramic
chip capacitor
C12
1
JOHANSON
0.6-4.5pF Giga trim variable capacitor
C15,C17
2
SEK101M063ST
100 µF, 63V electrolytic capacitor
C20,C23
2
ATC200B393KW50X
ATC
39.000 pF ATC 200B surface mount
ceramic chip capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com